Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 300 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 300 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 296Page - Advanced Micro Devices AMD-K6 Datasheet HTML 297Page - Advanced Micro Devices AMD-K6 Datasheet HTML 298Page - Advanced Micro Devices AMD-K6 Datasheet HTML 299Page - Advanced Micro Devices AMD-K6 Datasheet HTML 300Page - Advanced Micro Devices AMD-K6 Datasheet HTML 301Page - Advanced Micro Devices AMD-K6 Datasheet HTML 302Page - Advanced Micro Devices AMD-K6 Datasheet HTML 303Page - Advanced Micro Devices AMD-K6 Datasheet HTML 304Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 346 page
background image
282
Software Environment
Chapter 24
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Fo r mo re in fo rma tio n ab o ut the RD MSR and WRMSR
instructions, see the AMD K86™ Family BIOS and Software Tools
Development Guide, order# 21062.
Extended Feature Enable Register (EFER). T h e E x t e nd ed Fe at u re
Enable Register (EFER) contains the control bits that enable
the extended features of the AMD-K6. Figure 102 shows the
format of the EFER register, and Table 60 defines the function
of each bit in the EFER register.
Figure 102. Extended Feature Enable Register (EFER)
SYSCALL/SYSRET Target Address Register (STAR).
The SYSCALL/SYSRET Target Address Register (STAR)
contains the target EIP a ddre ss used by the SYSCALL
instruction and the 16-bit code and stack segment selector
bases used by the SYSCALL and SYSRET instructions. Figure
103 shows the format of the STAR register, and Table 61 defines
the function of each bit of the STAR register. For more
information, see the SYSCALL and SYSRET Instruction
Specification Application Note, order# 21086.
Table 59. Model-Specific Registers (MSRs)
Model-Specific Register
Value of ECX
Extended Feature Enable Register (EFER)
C000_0080h
SYSCALL/SYSRET Target Address Register (STAR)
C000_0081h
10
63
S
C
E
Reserved
Symbol
Description
Bit
SCE
System Call/Return Extension
0
Table 60. Extended Feature Enable Register (EFER) Definition
Bit
Description
R/W
63–1
Reserved
R
0
System Call/Return Extension (SCE)
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com