Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 301 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 301 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 297Page - Advanced Micro Devices AMD-K6 Datasheet HTML 298Page - Advanced Micro Devices AMD-K6 Datasheet HTML 299Page - Advanced Micro Devices AMD-K6 Datasheet HTML 300Page - Advanced Micro Devices AMD-K6 Datasheet HTML 301Page - Advanced Micro Devices AMD-K6 Datasheet HTML 302Page - Advanced Micro Devices AMD-K6 Datasheet HTML 303Page - Advanced Micro Devices AMD-K6 Datasheet HTML 304Page - Advanced Micro Devices AMD-K6 Datasheet HTML 305Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 346 page
background image
Chapter 24
Software Environment
283
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Figure 103. SYSCALL/SYSRET Target Address Register (STAR)
24.2
Instructions Supported by the AMD-K6® Processor
This section documents the x86 instructions supported by the
AMD-K6 processor Model 7 that are not supported by AMD-K6
processor Model 6. For information about the remaining x86
instructions supported by the AMD-K6 processor Model 6, see
Chapter 3, “Software Environment” on page 21.
Table 62 shows the instruction mnemonic, opcode, modR/M
by te, dec o de typ e , and R I SC 86 op erat ion( s) fo r each
instruction. The first column of the tables indicates the
instruction mnemonic and operand types. The second and third
columns list all applicable opcode bytes. The fourth column
lists the modR/M byte when used by the instruction. The
modR/M byte defines the instruction as a register or memory
form. The fifth column lists the type of instruction decode —
short, long, and vector. The sixth column lists the type of
RISC86 operation(s) required for the instruction.
31
0
63
Target EIP Address
32
47
48
SYSCALL CS Selector and SS
Selector Base
SYSRET CS Selector and SS
Selector Base
Table 61. SYSCALL/SYSRET Target Address Register (STAR) Definition
Bit
Description
R/W
63–48
SYSRET CS and SS Selector Base
R/W
47–32
SYSCALL CS and SS Selector Base
R/W
31–0
Target EIP Address
R/W
Table 62. Integer Instructions
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86®
Opcodes
SYSCALL
0Fh
05h
vector
SYSRET
0Fh
07h
vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com