Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 299 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 299 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 295Page - Advanced Micro Devices AMD-K6 Datasheet HTML 296Page - Advanced Micro Devices AMD-K6 Datasheet HTML 297Page - Advanced Micro Devices AMD-K6 Datasheet HTML 298Page - Advanced Micro Devices AMD-K6 Datasheet HTML 299Page - Advanced Micro Devices AMD-K6 Datasheet HTML 300Page - Advanced Micro Devices AMD-K6 Datasheet HTML 301Page - Advanced Micro Devices AMD-K6 Datasheet HTML 302Page - Advanced Micro Devices AMD-K6 Datasheet HTML 303Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 346 page
background image
Chapter 24
Software Environment
281
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
24
Software Environment
This chapter briefly describes the AMD-K6 Model-Specific
Registers (MSRs) and x86 instructions supported by the
AMD-K6 processor Model 7 that are not supported by the
AMD-K6 processor Model 6.
For an overview of the AMD-K6 processor’s x86 software
environment and a description of the remaining data types,
registers, operating modes, interrupts, and instructions
support e d b y the AMD -K 6 ar c h itect u r e and design
implementation, see Chapter 3, “Software Environment” on
page 21.
24.1
Registers
The AMD-K6 processor contains all the registers defined by the
x86 architecture, including ge ne ral-purpose , segm ent,
floating-point, MMX, EFLAGS, control, task, debug, test, and
descriptor/memory-management registers.
This section provides information on the Model-Specific
Registers (MSRs) supported by the AMD-K6 processor Model 7
that are not supported by the AMD-K6 processor Model 6. For
information about the remaining AMD-K6 registers, see
Chapter 3, “Software Environment” on page 21.
Note: Areas of the register designated as Reserved should not be
modified by software.
Model-Specific
Registers (MSR)
The AMD-K6 processor Model 7 supports two additional MSRs
as compared to the AMD-K6 processor Model 6. The value in the
ECX register selects the MSR to be addressed by the RDMSR
and WRMSR instructions. The values in EAX and EDX are used
as inputs and outputs by the RDMSR and WRMSR instructions.
Table 59 lists the new MSRs and the corresponding value of the
ECX register. Figures 102 and 103 show the MSR formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com