Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 162 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 162 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 158Page - Advanced Micro Devices AMD-K6 Datasheet HTML 159Page - Advanced Micro Devices AMD-K6 Datasheet HTML 160Page - Advanced Micro Devices AMD-K6 Datasheet HTML 161Page - Advanced Micro Devices AMD-K6 Datasheet HTML 162Page - Advanced Micro Devices AMD-K6 Datasheet HTML 163Page - Advanced Micro Devices AMD-K6 Datasheet HTML 164Page - Advanced Micro Devices AMD-K6 Datasheet HTML 165Page - Advanced Micro Devices AMD-K6 Datasheet HTML 166Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 346 page
background image
144
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
AHOLD-Initiated
Inquire Hit to Shared
or Exclusive Line
In Figure 55 on page 145, the processor asserts HIT# and
negates HITM# off the clock edge after the clock edge on which
EADS# is sampled asserted, indicating the current inquire
cycle hits either a shared or exclusive line. (HIT# is driven in
the same state until the next inquire cycle.) The processor
samples INV asserted during the inquire cycle and transitions
the line to the invalid state regardless of its previous state.
During an AHOLD-initiated inquire cycle, the processor
samples AHOLD on every clock edge until it is negated. In
Figure 55, the processor asserts ADS# off the same clock on
which AHOLD is sampled negated. If the inquire cycle hits a
modified line, the processor performs a writeback cycle before
it drives a new bus cycle. The next section describes the
AHOLD-initiated inquire cycle that hits a modified line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com