Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 160 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 160 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 156Page - Advanced Micro Devices AMD-K6 Datasheet HTML 157Page - Advanced Micro Devices AMD-K6 Datasheet HTML 158Page - Advanced Micro Devices AMD-K6 Datasheet HTML 159Page - Advanced Micro Devices AMD-K6 Datasheet HTML 160Page - Advanced Micro Devices AMD-K6 Datasheet HTML 161Page - Advanced Micro Devices AMD-K6 Datasheet HTML 162Page - Advanced Micro Devices AMD-K6 Datasheet HTML 163Page - Advanced Micro Devices AMD-K6 Datasheet HTML 164Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 346 page
background image
142
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
AHOLD-Initiated
Inquire Miss
AHOLD can be asserted by the system to initiate one or more
inquire cycles. To allow the system to drive the address bus
during an inquire cycle, the processor floats A[31:3] and AP off
the clock edge on which AHOLD is sampled asserted. The data
bus and all other control and status signals remain under the
control of the processor and are not floated. This functionality
allows a bus cycle in progress when AHOLD is sampled asserted
to continue to completion. The processor resumes driving the
address bus off the clock edge on which AHOLD is sampled
negated.
In Figure 54 on page 143, the processor samples AHOLD
asserted during the memory burst read cycle, and it floats the
address bus off the same clock edge on which it samples AHOLD
asserted. While the processor still controls the bus, it completes
the current cycle until the last expected BRDY# is sampled
asserted. The system logic drives EADS# with an inquire
address on A[31:5] during an inquire cycle. The processor
samples EADS# asserted and compares the inquire address to
its tag address in both the instruction and data caches. In Figure
54, the inquire address misses the tag address in the processor
(both HIT# and HITM# are negated). Therefore, the processor
proceeds to the next cycle when it samples AHOLD negated.
(The processor can drive a new cycle by asserting ADS# off the
same clock edge that it samples AHOLD negated.)
For an AHOLD-initiated inquire cycle to be recognized, the
processor must sample AHOLD asserted for at least two
consecutive clocks before it samples EADS# asserted. If the
processor detects an address parity error during an inquire
cycle, APCHK# is asserted for one clock. The system logic must
respond appropriately to the assertion of this signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com