Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 158 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 158 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 154Page - Advanced Micro Devices AMD-K6 Datasheet HTML 155Page - Advanced Micro Devices AMD-K6 Datasheet HTML 156Page - Advanced Micro Devices AMD-K6 Datasheet HTML 157Page - Advanced Micro Devices AMD-K6 Datasheet HTML 158Page - Advanced Micro Devices AMD-K6 Datasheet HTML 159Page - Advanced Micro Devices AMD-K6 Datasheet HTML 160Page - Advanced Micro Devices AMD-K6 Datasheet HTML 161Page - Advanced Micro Devices AMD-K6 Datasheet HTML 162Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 346 page
background image
140
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
HOLD-Initiated
Inquire Hit to
Modified Line
Figure 53 on page 141 shows the same sequence as Figure 52 on
page 139, but in Figure 53 the inquire cycle hits a modified line
and the processor asserts both HIT# and HITM#. In this
example, the processor performs a writeback cycle immediately
after the inquire cycle. It updates the modified cache line to the
external memory (normally, level-two cache or DRAM). The
processor uses the address (A[31:5]) that was latched during the
inquire cycle to perform the writeback cycle. The processor
asserts HITM# throughout the writeback cycle and negates
HITM# one clock edge after the last expected BRDY# of the
writeback is sampled asserted.
When the processor samples EADS# during the inquire cycle, it
also samples INV to determine the cache line MESI state after
the inquire cycle. If INV is sampled asserted during an inquire
cycle, the processor transitions the line (if found) to the invalid
stat e, regardless of its prev ious sta te. Th e c a ch e line
invalidation operation is not visible on the bus. If INV is
sampled negated during an inquire cycle, the processor
transitions the line (if found) to the shared state. In Figure 53
the processor samples INV asserted during the inquire cycle.
In a HOLD-initiated inquire cycle, the system logic can negate
HOLD off the same clock edge on which EADS# is sampled
asserted. The processor drives HIT# and HITM# on the clock
edge after the clock edge on which EADS# is sampled asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com