Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 156 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 156 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 152Page - Advanced Micro Devices AMD-K6 Datasheet HTML 153Page - Advanced Micro Devices AMD-K6 Datasheet HTML 154Page - Advanced Micro Devices AMD-K6 Datasheet HTML 155Page - Advanced Micro Devices AMD-K6 Datasheet HTML 156Page - Advanced Micro Devices AMD-K6 Datasheet HTML 157Page - Advanced Micro Devices AMD-K6 Datasheet HTML 158Page - Advanced Micro Devices AMD-K6 Datasheet HTML 159Page - Advanced Micro Devices AMD-K6 Datasheet HTML 160Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 346 page
background image
138
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
HOLD-Initiated
Inquire Hit to Shared
or Exclusive Line
Figure 52 on page 139 shows a HOLD-initiated inquire cycle. In
this example, the processor samples HOLD asserted during the
burst memory read cycle. The processor completes the current
cycle (until the last expected BRDY# is sampled asserted),
asserts HLDA and floats its outputs as described on page 136.
The system logic drives an inquire cycle within the hold
acknowledge cycle. It asserts EADS#, which validates the
inquire address on A[31:5]. If EADS# is sampled asserted
before HOLD is sampled negated, the processor recognizes it as
a valid inquire cycle.
In Figure 52, the processor asserts HIT# and negates HITM# on
the clock edge after the clock edge on which EADS# is sampled
asserted, indicating the current inquire cycle hit a shared or
exclusive cache line. (Shared and exclusive cache lines in the
processor data or instruction cache have the same contents as
the data in the external memory.) During an inquire cycle, the
processor samples INV to determine whether the addressed
cache line found in the processor’s instruction or data cache
transitions to the invalid state or the shared state. In this
example, the processor samples INV asserted with EADS#,
which invalidates the cache line.
The system logic can negate HOLD off the same clock edge on
which EADS# is sampled asserted. The processor continues
driving HIT# in the same state until the next inquire cycle.
HITM# is not asserted unless HIT# is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com