Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 154 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 154 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 150Page - Advanced Micro Devices AMD-K6 Datasheet HTML 151Page - Advanced Micro Devices AMD-K6 Datasheet HTML 152Page - Advanced Micro Devices AMD-K6 Datasheet HTML 153Page - Advanced Micro Devices AMD-K6 Datasheet HTML 154Page - Advanced Micro Devices AMD-K6 Datasheet HTML 155Page - Advanced Micro Devices AMD-K6 Datasheet HTML 156Page - Advanced Micro Devices AMD-K6 Datasheet HTML 157Page - Advanced Micro Devices AMD-K6 Datasheet HTML 158Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 346 page
background image
136
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
6.5
Inquire and Bus Arbitration Cycles
The AMD-K6 processor provides built-in level-one data and
instruction caches. Each cache is 32 Kbytes and two-way
set-associative. The system logic or other bus master devices
can initiate an inquire cycle to maintain cache/memory
coherency. In response to the inquire cycle, the processor
compares the inquire address with its cache tag addresses in
both caches, and, if necessary, updates the MESI state of the
cache line and performs writebacks to memory.
An inquire cycle can be initiated by asserting AHOLD, BOFF#,
or HOLD. AHOLD is exclusively used to support inquire cycles.
During AHOLD-initiated inquire cycles, the processor only
floats the address bus. BOFF# provides the fastest access to the
bus because it aborts any processor cycle that is in-progress,
whereas AHOLD and HOLD both permit an in-progress bus
cycle to complete. During HOLD-initiated and BOFF#-initiated
inquire cycles, the processor floats all of its bus-driving signals.
Hold and Hold
Acknowledge Cycle
The system logic or another bus device can assert HOLD to
initiate an inquire cycle or to gain full control of the bus. When
the AMD-K6 processor samples HOLD asserted, it completes
any in-progress bus cycle and asserts HLDA to acknowledge
release of the bus. The processor floats the following signals off
the same clock edge that HLDA is asserted:
Figure 51 on page 137 shows a basic HOLD/HLDA operation. In
this example, the processor samples HOLD asserted during the
memory read cycle. It continues the current memory read cycle
until BRDY# is sampled asserted. The processor drives HLDA
and floats its outputs one clock edge after the last BRDY# of the
cycle is sampled asserted. The system logic can assert HOLD for
as long as it needs to utilize the bus. The processor samples
HOLD on every clock edge but does not assert HLDA until any
in-progress cycle or sequence of locked cycles is completed.
s
A[31:3]
s
DP[7:0]
s
ADS#
s
LOCK#
s
AP#
s
M/IO#
s
BE[7:0]#
s
PCD
s
CACHE#
s
PWT
s
D[63:0]
s
SCYC
s
D/C#
s
W/R#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com