Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 150 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 150 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 146Page - Advanced Micro Devices AMD-K6 Datasheet HTML 147Page - Advanced Micro Devices AMD-K6 Datasheet HTML 148Page - Advanced Micro Devices AMD-K6 Datasheet HTML 149Page - Advanced Micro Devices AMD-K6 Datasheet HTML 150Page - Advanced Micro Devices AMD-K6 Datasheet HTML 151Page - Advanced Micro Devices AMD-K6 Datasheet HTML 152Page - Advanced Micro Devices AMD-K6 Datasheet HTML 153Page - Advanced Micro Devices AMD-K6 Datasheet HTML 154Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 346 page
background image
132
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Burst Writeback
Figure 48 on page 133 shows a burst read followed by a
writeback transaction. The AMD-K6 processor initiates
writebacks under the following conditions:
s
Replacement —If a cache-line fill is initiated for a cache line
currently filled with valid entries, the processor uses a
least-recently-allocated (LRA) algorithm to select a line for
replacement. Before a replacement is made to a data cache
line that is in the modified state, the modified line is
scheduled to be written back to memory.
s
Internal Snoop—The processor snoops the data cache
whenever an instruction-cache line is read, and it snoops the
instruction cache whenever a data cache line is written. This
snooping is performed to determine whether the same
address is stored in both caches, a situation that is taken to
imply the occurrence of self-modifying code. If a snoop hits a
data cache line in the modified state, the line is written back
to memory before being invalidated.
s
WBINVD Instruction—When the processor executes a
WBINVD instruction, it writes back all modified lines in the
data cache and then invalidates all lines in both caches.
s
Cache
Flush—When
the
processor
samples
FLUSH#
asserted, it executes a flush acknowledge special cycle and
writes back all modified lines in the data cache and then
invalidates all lines in both caches.
The processor drives writeback cycles during inquire or cache
flush cycles. The writeback shown in Figure 48 is caused by a
cache-line replacement. The processor completes the burst read
cycle that fills the cache line. Immediately following the burst
read cycle is the burst writeback cycle that represents the
modified line to be written back to memory. D[63:0] are driven
one clock edge after the clock edge on which ADS# is asserted
and are subsequently changed off the clock edge on which each
BRDY# assertion of the burst cycle is sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com