Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 148 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 148 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 144Page - Advanced Micro Devices AMD-K6 Datasheet HTML 145Page - Advanced Micro Devices AMD-K6 Datasheet HTML 146Page - Advanced Micro Devices AMD-K6 Datasheet HTML 147Page - Advanced Micro Devices AMD-K6 Datasheet HTML 148Page - Advanced Micro Devices AMD-K6 Datasheet HTML 149Page - Advanced Micro Devices AMD-K6 Datasheet HTML 150Page - Advanced Micro Devices AMD-K6 Datasheet HTML 151Page - Advanced Micro Devices AMD-K6 Datasheet HTML 152Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 346 page
background image
130
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Burst Reads and
Pipelined Burst Reads
Figure 47 on page 131 shows normal burst read cycles and a
pipelined burst read cycle. The AMD-K6 processor drives
CACHE# and ADS# together to specify that the current bus
cycle is a burst cycle. If the processor samples KEN# asserted
with the first BRDY#, it performs burst transfers. During the
burst transfers, the system logic must ignore BE[7:0]# and must
return all eight bytes beginning at the starting address the
processor asserts on A[31:3]. Depending on the starting
address, the system logic must determine the successive
quadword addresses (A[4:3]) for each transfer in a burst, as
shown in Table 21. The processor expects the second, third, and
fourth quadwords to occur in the sequences shown in Table 21.
In Figure 47, the processor drives CACHE# throughout all burst
read cycles. In the first burst read cycle, the processor drives
ADS# and CACHE#, then samples BRDY# on every clock edge
starting with the clock edge after the clock edge that negates
ADS#. The processor samples KEN# asserted on the clock edge
on which the first BRDY# is sampled asserted, executes a
32-byte burst read cycle, and expects to sample BRDY# a total
of four times. An ideal no-wait state access is shown in Figure
47, whereas most system logic solutions add wait states between
the transfers.
The second burst read cycle illustrates a similar sequence, but
the processor samples NA# asserted on the same clock edge
that the first BRDY# is sampled asserted. NA# assertion
indicates the system logic is requesting the processor to output
the next address early (also known as a pipeline transfer
request). Without waiting for the current cycle to complete, the
processor drives ADS# and related signals for the next burst
cycle. Pipelining can reduce CPU cycle-to-cycle idle times.
Table 21. A[4:3] Address-Generation Sequence During Bursts
Address Driven By
Processor on A[4:3]
A[4:3] Addresses of Subsequent
Quadwords* Generated By System Logic
Quadword 1
Quadword 2
Quadword 3
Quadword 4
00b
01b
10b
11b
01b
00b
11b
10b
10b
11b
00b
01b
11b
10b
01b
00b
Note:
*
quadword = 8 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com