Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 144 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 144 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 140Page - Advanced Micro Devices AMD-K6 Datasheet HTML 141Page - Advanced Micro Devices AMD-K6 Datasheet HTML 142Page - Advanced Micro Devices AMD-K6 Datasheet HTML 143Page - Advanced Micro Devices AMD-K6 Datasheet HTML 144Page - Advanced Micro Devices AMD-K6 Datasheet HTML 145Page - Advanced Micro Devices AMD-K6 Datasheet HTML 146Page - Advanced Micro Devices AMD-K6 Datasheet HTML 147Page - Advanced Micro Devices AMD-K6 Datasheet HTML 148Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 346 page
background image
126
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
6.3
Memory Reads and Writes
The AMD-K6 processor performs single or burst memory bus
cycles. The single-transfer memory bus cycle transfers 1, 2, 4, or
8 bytes and requires a minimum of two clocks. Misaligned
instructions or operands result in a split cycle, which requires
multiple transactions on the bus. A burst cycle consists of four
back-to-back 8-byte (64-bit) transfers on the data bus.
Single-Transfer
Memory Read and
Write
Figure 45 on page 127 shows a single-transfer read from memory,
followed by two single-transfer writes to memory. For the
memory read cycle, the processor asserts ADS# for one clock to
validate the bus cycle and also drives A[31:3], BE[7:0]#, D/C#,
W/R#, and M/IO# to the bus. The processor then waits for the
system logic to return the data on D[63:0] (with DP[7:0] for
parity checking) and assert BRDY#. The processor samples
BRDY# on every clock edge starting with the clock edge after
the clock edge that negates ADS#. See “BRDY# (Burst Ready)”
on page 88.
During the read cycle, the processor drives PCD, PWT, and
CACHE# to indicate its caching and cache-coherency intent for
the access. The system logic returns KEN# and WB/WT# to
either confirm or change this intent. If the processor asserts
PCD and negates CACHE#, the accesses are non-cacheable,
even though the system logic asserts KEN# during the BRDY#
to indicate its support for cacheability. The processor (which
drives CACHE#) and the system logic (which drives KEN#) must
agree in order for an access to be cacheable.
The processor can drive another cycle (in this example, a write
cycle) by asserting ADS# off the next clock edge after BRDY# is
sampled asserted. Therefore, an idle clock is guaranteed
between any two bus cycles. The processor drives D[63:0] with
valid data one clock edge after the clock edge on which ADS# is
asserted. To minimize CPU idle times, the system logic stores the
address and data in write buffers, returns BRDY#, and performs
the store to memory later. If the processor samples EWBE#
negated during a write cycle, it suspends certain activities until
EWBE# is sampled asserted. See “EWBE# (External Write
Buffer Empty)” on page 95. In Figure 45, the second write cycle
occurs during the execution of a serializing instruction. The
processor delays the following cycle until EWBE# is sampled
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com