Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 143 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 143 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 139Page - Advanced Micro Devices AMD-K6 Datasheet HTML 140Page - Advanced Micro Devices AMD-K6 Datasheet HTML 141Page - Advanced Micro Devices AMD-K6 Datasheet HTML 142Page - Advanced Micro Devices AMD-K6 Datasheet HTML 143Page - Advanced Micro Devices AMD-K6 Datasheet HTML 144Page - Advanced Micro Devices AMD-K6 Datasheet HTML 145Page - Advanced Micro Devices AMD-K6 Datasheet HTML 146Page - Advanced Micro Devices AMD-K6 Datasheet HTML 147Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 346 page
background image
Chapter 6
Bus Cycles
125
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
sampled asserted). If the last BRDY# is not sampled asserted,
the processor enters the Pipeline Data state.
If the processor samples the last BRDY# asserted in this state, it
determines if a bus transition is required between the current
bus cycle and the pipelined bus cycle. A bus transition is
required when the data bus direction changes between bus
cycles, such as a memory write cycle followed by a memory read
cycle. If a bus transition is required, the processor enters the
Transition state for one clock to prevent data bus contention. If
a bus transition is not required, the processor enters the Data
state.
The processor does not transition to the Data-NA# Requested
state from the Pipeline Address state because the processor
does not begin sampling NA# until it has exited the Pipeline
Address state.
Pipeline Data
Two bus cycles are concurrently executing in this state. The
processor cannot issue any additional bus cycles until the
current bus cycle is completed. The processor drives the data
bus during write cycles or expects data to be returned during
read cycles for the current bus cycle until the last BRDY# of the
current bus cycle is sampled asserted.
If the processor samples the last BRDY# asserted in this state, it
determines if a bus transition is required between the current
bus cycle and the pipelined bus cycle. If the bus transition is
required, the processor enters the Transition state for one clock
to prevent data bus contention. If a bus transition is not
required, the processor enters the Data state (NA# was not
sampled asserted) or the Data-NA# Requested state (NA# was
sampled asserted).
Transition
The processor enters this state for one clock during data bus
transitions and enters the Data state on the next clock edge if
NA# is not sampled asserted. The sole purpose of this state is to
avoid bus contention caused by bus transitions during pipeline
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com