Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 139 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 139 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 135Page - Advanced Micro Devices AMD-K6 Datasheet HTML 136Page - Advanced Micro Devices AMD-K6 Datasheet HTML 137Page - Advanced Micro Devices AMD-K6 Datasheet HTML 138Page - Advanced Micro Devices AMD-K6 Datasheet HTML 139Page - Advanced Micro Devices AMD-K6 Datasheet HTML 140Page - Advanced Micro Devices AMD-K6 Datasheet HTML 141Page - Advanced Micro Devices AMD-K6 Datasheet HTML 142Page - Advanced Micro Devices AMD-K6 Datasheet HTML 143Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 346 page
background image
Chapter 6
Bus Cycles
121
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
6
Bus Cycles
The following sections describe and illustrate the timing and
relationship of bus signals during various types of bus cycles. A
representative set of bus cycles is illustrated.
6.1
Timing Diagrams
The timing diagrams illustrate the signals on the external local
bus as a function of time, as measured by the bus clock (CLK).
Throughout this chapter, the term clock refers to a signal
bus-clock cycle. A clock extends from one rising CLK edge to
the next rising CLK edge. The processor samples and drives
most signals relative to the rising edge of CLK. The exceptions
to this rule include the following:
s
BF[2:0]—Sampled on the falling edge of RESET
s
FLUSH#, BRDYC#—Sampled on the falling edge of RESET,
also sampled on the rising edge of CLK
s
All inputs and outputs are sampled relative to TCK in
Boundary-Scan Test Mode. Inputs are sampled on the rising
edge of TCK, outputs are driven off of the falling edge of
TCK.
For each signal in the timing diag rams, the High level
represents 1, the Low level represents 0, and the Middle level
represents the floating (high-impedance) state. When both the
High and Low levels are shown, the meaning depends on the
signal. A single signal indicates ‘don’t care’. In the case of bus
activity, if both High and Low levels are shown, it indicates the
processor, alternate master, or system logic is driving a value,
but this value may or may not be valid. (For example, the value
on the address bus is valid only during the assertion of ADS#,
but addresses are also driven on the bus at other times.) Figure
43 on page 122 defines the different waveform representations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com