Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 136 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 136 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 132Page - Advanced Micro Devices AMD-K6 Datasheet HTML 133Page - Advanced Micro Devices AMD-K6 Datasheet HTML 134Page - Advanced Micro Devices AMD-K6 Datasheet HTML 135Page - Advanced Micro Devices AMD-K6 Datasheet HTML 136Page - Advanced Micro Devices AMD-K6 Datasheet HTML 137Page - Advanced Micro Devices AMD-K6 Datasheet HTML 138Page - Advanced Micro Devices AMD-K6 Datasheet HTML 139Page - Advanced Micro Devices AMD-K6 Datasheet HTML 140Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 346 page
background image
118
Signal Descriptions
Chapter 5
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Table 15. Output Pin Float Conditions
Name
Floated At: (Note 1)
Note
Name
Floated At: (Note 1)
Note
A[4:3]
HLDA, AHOLD, BOFF#
Note 2, 3
HITM#
Always Driven
ADS#
HLDA, BOFF#
Note 2
HLDA
Always Driven
ADSC#
HLDA, BOFF#
Note 2
LOCK#
HLDA, BOFF#
Note 2
APCHK#
Always Driven
M/IO#
HLDA, BOFF#
Note 2
BE[7:0]#
HLDA, BOFF#
Note 2
PCD
HLDA, BOFF#
Note 2
BREQ
Always Driven
PCHK#
Always Driven
CACHE#
HLDA, BOFF#
Note 2
PWT
HLDA, BOFF#
Note 2
D/C#
HLDA, BOFF#
Note 2
SCYC
HLDA, BOFF#
Note 2
FERR#
Always Driven
SMIACT#
Always Driven
HIT#
Always Driven
W/R#
HLDA, BOFF#
Note 2
Notes:
1. All outputs except VCC2DET and TDO float during Tri-State Test mode.
2. Floated off the clock edge that BOFF# is sampled asserted and off the clock edge that HLDA is asserted.
3. Floated off the clock edge that AHOLD is sampled asserted.
Table 16. Input/Output Pin Float Conditions
Name
Floated At: (Note 1)
Note
A[31:5]
HLDA, AHOLD, BOFF#
Note 2,3
AP
HLDA, AHOLD, BOFF#
Note 2,3
D[63:0]
HLDA, BOFF#
Note 2
DP[7:0]
HLDA, BOFF#
Note 2
Notes:
1. All outputs except VCC2DET and TDO float during Tri-State Test mode.
2. Floated off the clock edge that BOFF# is sampled asserted and off the clock edge that HLDA is asserted.
3. Floated off the clock edge that AHOLD is sampled asserted.
Table 17. Test Pins
Name
Type
Note
TCK
Clock
TDI
Input
Sampled on the rising edge of TCK
TDO
Output
Driven on the falling edge of TCK
TMS
Input
Sampled on the rising edge of TCK
TRST#
Input
Asynchronous (Independent of TCK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com