Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 134 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 134 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 130Page - Advanced Micro Devices AMD-K6 Datasheet HTML 131Page - Advanced Micro Devices AMD-K6 Datasheet HTML 132Page - Advanced Micro Devices AMD-K6 Datasheet HTML 133Page - Advanced Micro Devices AMD-K6 Datasheet HTML 134Page - Advanced Micro Devices AMD-K6 Datasheet HTML 135Page - Advanced Micro Devices AMD-K6 Datasheet HTML 136Page - Advanced Micro Devices AMD-K6 Datasheet HTML 137Page - Advanced Micro Devices AMD-K6 Datasheet HTML 138Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 346 page
background image
116
Signal Descriptions
Chapter 5
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
5.52
WB/WT# (Writeback or Writethrough)
Input
Summary
WB/WT#, together with PWT, specifies the data cache-line state
during cacheable read misses and write hits to shared cache
lines.
If WB/WT# = 0 or PWT = 1 during a cacheable read miss or write
hit to a shared cache line, the accessed line is cached in the
shared state. This is referred to as the writethrough state
because all write cycles to this cache line are driven externally
on the bus.
If WB/WT# = 1 and PWT = 0 during a cacheable read miss or a
write hit to a shared cache line, the accessed line is cached in
the exclusive state. Subsequent write hits to the same line
cause its state to transition from exclusive to modified. This is
referred to as the writeback state because the data cache can
contain modified cache lines that are subject to be written
back—referred as a writeback cycle—as the result of an inquire
cycle, an internal snoop, a flush operation, or the WBINVD
instruction.
Sampled
WB/WT# is sampled on the clock edge that the first BRDY# or
NA# of a bus cycle is sampled asserted. If the cycle is a burst
read, WB/WT# is ignored during the last three assertions of
BRDY #. WB /W T# is samp l e d d u r in g mem o ry re ad an d
non-writeback write cycles and is ignored during all other types
of cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com