Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 133 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 133 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 129Page - Advanced Micro Devices AMD-K6 Datasheet HTML 130Page - Advanced Micro Devices AMD-K6 Datasheet HTML 131Page - Advanced Micro Devices AMD-K6 Datasheet HTML 132Page - Advanced Micro Devices AMD-K6 Datasheet HTML 133Page - Advanced Micro Devices AMD-K6 Datasheet HTML 134Page - Advanced Micro Devices AMD-K6 Datasheet HTML 135Page - Advanced Micro Devices AMD-K6 Datasheet HTML 136Page - Advanced Micro Devices AMD-K6 Datasheet HTML 137Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 346 page
background image
Chapter 5
Signal Descriptions
115
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.49
TRST# (Test Reset)
Input, Internal Pullup
Summary
The assertion of TRST# initializes the Test Access Port (TAP) by
resetting its state machine to the Test-Logic-Reset state. See
“Boundary-Scan Test Access Port (TAP)” on page 205 for details
regarding the operation of the TAP controller.
Sampled
TRST# is a completely asynchronous input that does not
require a minimum setup and hold time relative to TCK. See
Table 54 on page 253 for the minimum pulse width requirement.
5.50
VCC2DET (VCC2 Detect)
Output
Summary
VCC2DET is tied to VSS (logic level 0) to indicate to the system
logic that it must supply the specified processor core voltage to
the VCC2 pins. The VCC2 pins supply voltage to the processor
core, independent of the voltage supplied to the I/O buffers on
the VCC3 pins.
Driven
VCC2DET always equals 0 and is never floated — even during
Tri-State Test mode.
5.51
W/R# (Write/Read)
Output
Summary
The processor drives W/R# to indicate whether it is performing
a write or a read cycle on the bus. In addition, W/R# is used to
define other bus cycles, including interrupt acknowledge and
special cycles (see Table 19 on page 119 for more details).
Driven and Floated
W/R# is driven off the same clock edge as ADS# and remains in
the same state until the clock edge on which NA# or the last
expected BRDY# of the cycle is sampled asserted. W/R# is
driven during memory cycles, I/O cycles, special bus cycles, and
interrupt acknowledge cycles.
W/R# is floated off the clock edge that BOFF# is sampled
asserted and off the clock edge that the processor asserts HLDA
in response to HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com