Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 129 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 129 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 125Page - Advanced Micro Devices AMD-K6 Datasheet HTML 126Page - Advanced Micro Devices AMD-K6 Datasheet HTML 127Page - Advanced Micro Devices AMD-K6 Datasheet HTML 128Page - Advanced Micro Devices AMD-K6 Datasheet HTML 129Page - Advanced Micro Devices AMD-K6 Datasheet HTML 130Page - Advanced Micro Devices AMD-K6 Datasheet HTML 131Page - Advanced Micro Devices AMD-K6 Datasheet HTML 132Page - Advanced Micro Devices AMD-K6 Datasheet HTML 133Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 346 page
background image
Chapter 5
Signal Descriptions
111
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.41
SCYC (Split Cycle)
Output
Summary
The processor asserts SCYC during misaligned, locked transfers
on the D[63:0] data bus. The processor generates additional bus
cycles to complete the transfer of misaligned data.
For purposes of bus cycles, the term aligned means:
s
Any 1-byte transfers
s
2-byte and 4-byte transfers that lie within 4-byte address
boundaries
s
8-byte transfers that lie within 8-byte address boundaries
Driven and Floated
SCYC is asserted off the same clock edge as ADS#, and negated
off the clock edge on which NA# or the last expected BRDY# of
the entire locked sequence is sampled asserted. SCYC is only
valid during locked memory cycles.
SCYC is floated off the clock edge that BOFF# is sampled
asserted and off the clock edge that the processor asserts HLDA
in response to HOLD.
5.42
SMI# (System Management Interrupt)
Input, Internal Pullup
Summary
The assertion of SMI# causes the processor to enter System
Management Mode (SMM). Upon recognizing SMI#, the
processor performs the following actions, in the order shown:
1. Flushes its instruction pipelines
2. Completes all pending and in-progress bus cycles
3. Acknowledges the interrupt by asserting SMIACT# after
sampling EWBE# asserted
4. Saves the internal processor state in SMM memory
5. Disables interrupts by clearing the interrupt flag (IF) in
EFLAGS and disables NMI interrupts
6. Jumps to the entry point of the SMM service routine at the
SMM base physical address which defaults to 0003_8000h in
SMM memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com