Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 122Page - Advanced Micro Devices AMD-K6 Datasheet HTML 123Page - Advanced Micro Devices AMD-K6 Datasheet HTML 124Page - Advanced Micro Devices AMD-K6 Datasheet HTML 125Page - Advanced Micro Devices AMD-K6 Datasheet HTML 126Page - Advanced Micro Devices AMD-K6 Datasheet HTML 127Page - Advanced Micro Devices AMD-K6 Datasheet HTML 128Page - Advanced Micro Devices AMD-K6 Datasheet HTML 129Page - Advanced Micro Devices AMD-K6 Datasheet HTML 130Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 346 page
background image
108
Signal Descriptions
Chapter 5
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
5.37
PCHK# (Parity Check)
Output
Summary
The processor asserts PCHK# during read cycles if it detects an
even parity error on one or more valid bytes of D[63:0] during a
read cycle. (Even parity means that the total number of 1 bits
within each byte of data and its respective data parity bit is
even.) The processor checks data parity for the data bytes that
are valid, as defined by BE[7:0]#, the byte enables.
PCHK# is always driven but is only asserted for memory and I/O
read bus cy cle s and t h e s e cond cy cle o f an interr upt
acknowledge sequence. PCHK# is not driven during any type of
write cycles or special bus cycles. The processor does not take
an internal exception as the result of detecting a data parity
error, and system logic must respond appropriately to the
assertion of this signal.
The processor ensures that PCHK# does not glitch, enabling the
signal to be used as a clocking source for system logic.
Driven
PCHK# is always driven except in Tri-State Test mode. For each
BRDY# returned to the processor during a read cycle with a
parity error detected on the data bus, PCHK# is asserted for
one clock, one clock edge after BRDY# is sampled asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com