Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 122 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 122 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 118Page - Advanced Micro Devices AMD-K6 Datasheet HTML 119Page - Advanced Micro Devices AMD-K6 Datasheet HTML 120Page - Advanced Micro Devices AMD-K6 Datasheet HTML 121Page - Advanced Micro Devices AMD-K6 Datasheet HTML 122Page - Advanced Micro Devices AMD-K6 Datasheet HTML 123Page - Advanced Micro Devices AMD-K6 Datasheet HTML 124Page - Advanced Micro Devices AMD-K6 Datasheet HTML 125Page - Advanced Micro Devices AMD-K6 Datasheet HTML 126Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 346 page
background image
104
Signal Descriptions
Chapter 5
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
5.32
LOCK# (Bus Lock)
Output
Summary
The processor asserts LOCK# during a sequence of bus cycles to
ensure that the cycles are completed without allowing other bus
masters to intervene. Locked operations consist of two to five
bus cycles. LOCK# is asserted during the following operations:
s
An interrupt acknowledge sequence
s
Descriptor Table accesses
s
Page Directory and Page Table accesses
s
XCHG instruction
s
An instruction with an allowable LOCK prefix
In order to ensure that locked operations appear on the bus and
are visible to the entire system, any data operands addressed
during a locked cycle that reside in the processor’s cache are
flushed and invalidated from the cache prior to the locked
operation. If the cache line is in the modified state, it is written
back and invalidated prior to the locked operation. Likewise,
any data read during a locked operation is not cached.
The processor ensures that LOCK# does not glitch.
Driven and Floated
During a locked cycle, LOCK# is asserted off the same clock
edge on which ADS# is asserted and remains asserted until the
last BRDY# of the last bus cycle is sampled asserted. The
processor negates LOCK# for at least one clock between
consecutive sequences of locked operations to allow the system
logic to arbitrate for the bus.
LOCK# is floated off the clock edge that BOFF# is sampled
asserted and off the clock edge that the processor asserts HLDA
in response to HOLD. When LOCK# is floated due to BOFF#
sampled asserted, the system logic is responsible for preserving
the lock condition while LOCK# is in the high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com