Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 119 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 119 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 115Page - Advanced Micro Devices AMD-K6 Datasheet HTML 116Page - Advanced Micro Devices AMD-K6 Datasheet HTML 117Page - Advanced Micro Devices AMD-K6 Datasheet HTML 118Page - Advanced Micro Devices AMD-K6 Datasheet HTML 119Page - Advanced Micro Devices AMD-K6 Datasheet HTML 120Page - Advanced Micro Devices AMD-K6 Datasheet HTML 121Page - Advanced Micro Devices AMD-K6 Datasheet HTML 122Page - Advanced Micro Devices AMD-K6 Datasheet HTML 123Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 346 page
background image
Chapter 5
Signal Descriptions
101
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Sampled
The processor samples IGNNE # as a level-sensitive input on
every clock edge. The system logic can drive the signal either
sync hr o n ousl y or async h r o nousl y. I f i t is ass e r t ed
asynchronously, it must be asserted for a minimum pulse width
of two clocks.
5.28
INIT (Initialization)
Input
Summary
The assertion of INIT causes the processor to empty its
pipelines, to initialize most of its internal state, and to branch
to address FFFF_FFF0h—the same instruction execution
starting point used after RESET. Unlike RESET, the processor
preserves the contents of its caches, the floating-point state, the
MMX state, Model-Specific Registers, the CD and NW bits of
the CR0 register, and other specific internal resources.
INIT can be used as an accelerator for 80286 code that requires
a reset to exit from Protected mode back to Real mode.
Sampled
INIT is sampled and latched as a rising edge-sensitive signal.
INIT is sampled on every clock edge but is not recognized until
the next instruction boundary. During an I/O write cycle, it must
be sampled asserted a minimum of three clock edges before
BRDY # is sampled asserted if it is to be recognized on the
boundary between the I/O write instruction and the following
instruction.
If INIT is asserted synchronously, it can be asserted for a
minimum of one clock. If it is asserted asynchronously, it must
have been negated for a minimum of two clocks, followed by an
assertion of a minimum of two clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com