Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 117 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 117 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 113Page - Advanced Micro Devices AMD-K6 Datasheet HTML 114Page - Advanced Micro Devices AMD-K6 Datasheet HTML 115Page - Advanced Micro Devices AMD-K6 Datasheet HTML 116Page - Advanced Micro Devices AMD-K6 Datasheet HTML 117Page - Advanced Micro Devices AMD-K6 Datasheet HTML 118Page - Advanced Micro Devices AMD-K6 Datasheet HTML 119Page - Advanced Micro Devices AMD-K6 Datasheet HTML 120Page - Advanced Micro Devices AMD-K6 Datasheet HTML 121Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 346 page
background image
Chapter 5
Signal Descriptions
99
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.25
HLDA (Hold Acknowledge)
Output
Summary
When HOLD is sampled asserted, the processor completes the
current bus cycles, floats the processor bus, and asserts HLDA
in an acknowledgment that these events have been completed.
The processor does not assert HLDA until the completion of a
locked sequence of cycles. While HLDA is asserted, another bus
master can drive cycles on the bus, including inquire cycles to
the processor. The following signals are floated when HLDA is
asserted: A[31:3], ADS #, ADSC #, AP, BE[7:0]#, CACHE #,
D[63:0], D/C #, DP[7:0], LOCK #, M/IO #, PCD, PWT, SCYC, and
W/R#.
The processor ensures that HLDA does not glitch.
Driven
HLDA is always driven except in Tri-State Test mode. If a
processor cycle is in progress while HOLD is sampled asserted,
HLDA is asserted one clock edge after the last BRDY # of the
cycle is sampled asserted. If the bus is idle, HLDA is asserted
one clock edge after HOLD is sampled asserted. HLDA is
negated one clock edge after the clock edge on which HOLD is
sampled negated.
The assertion of HLDA is independent of the sampled state of
BOFF#.
The processor floats the bus every clock in which HLDA is
asserted.
5.26
HOLD (Bus Hold Request)
Input
Summary
The system logic can assert HOLD to gain control of the
processor’s bus. When HOLD is sampled asserted, the processor
completes the current bus cycles, floats the processor bus, and
asserts HLDA in an acknowledgment that these events have
been completed.
Sampled
The processor samples HOLD on every clock edge. If a
processor cycle is in progress while HOLD is sampled asserted,
HLDA is asserted one clock edge after the last BRDY # of the
cycle is sampled asserted. If the bus is idle, HLDA is asserted
one clock edge after HOLD is sampled asserted. HOLD is
recognized while INIT and RESET are sampled asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com