Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 113 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 113 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 109Page - Advanced Micro Devices AMD-K6 Datasheet HTML 110Page - Advanced Micro Devices AMD-K6 Datasheet HTML 111Page - Advanced Micro Devices AMD-K6 Datasheet HTML 112Page - Advanced Micro Devices AMD-K6 Datasheet HTML 113Page - Advanced Micro Devices AMD-K6 Datasheet HTML 114Page - Advanced Micro Devices AMD-K6 Datasheet HTML 115Page - Advanced Micro Devices AMD-K6 Datasheet HTML 116Page - Advanced Micro Devices AMD-K6 Datasheet HTML 117Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 346 page
background image
Chapter 5
Signal Descriptions
95
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.20
EWBE# (External Write Buffer Empty)
Input
Summary
The system logic can negate EWBE# to the processor to indicate
that its external write buffers are full and that additional data
cannot be stored at this time. This causes the processor to delay
the following activities until EWBE# is sampled asserted:
s
The commitment of write hit cycles to cache lines in the
modified state or exclusive state in the processor’s cache
s
The decode and execution of an instruction that follows a
currently-executing serializing instruction
s
The assertion or negation of SMIACT #
s
The entering of the Halt state and the Stop Grant state
Negating EWBE # does not prevent the completion of any type
of cycle that is currently in progress.
Sampled
The processor samples EWBE# on each clock edge that BRDY #
is sampled asserted during all memory write cycles (except
writeback cycles), I/O write cycles, and special bus cycles.
If EWBE# is sampled negated, it is sampled on every clock edge
until it is asserted, and then it is ignored until BRDY # is
sampled asserted in the next write cycle or special cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com