Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 111 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 111 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 107Page - Advanced Micro Devices AMD-K6 Datasheet HTML 108Page - Advanced Micro Devices AMD-K6 Datasheet HTML 109Page - Advanced Micro Devices AMD-K6 Datasheet HTML 110Page - Advanced Micro Devices AMD-K6 Datasheet HTML 111Page - Advanced Micro Devices AMD-K6 Datasheet HTML 112Page - Advanced Micro Devices AMD-K6 Datasheet HTML 113Page - Advanced Micro Devices AMD-K6 Datasheet HTML 114Page - Advanced Micro Devices AMD-K6 Datasheet HTML 115Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 346 page
background image
Chapter 5
Signal Descriptions
93
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.18
DP[7:0] (Data Parity)
Bidirectional
Summary
DP[7:0] are even parity bits for each valid byte of data — as
defined by BE[7:0]# —driven and sampled on the D[63:0] data
bus. (Even parity means that the total number of 1 bits within
each byte of data and its respective data parity bit is even.)
DP[7:0] are driven by the processor during write cycles and
sampled by the processor during read cycles. If the processor
detects bad parity on any valid byte of data during a read cycle,
PCHK# is asserted for one clock beginning the clock edge after
BRDY # is sampled asserted. The processor does not take an
internal exception as the result of detecting a data parity
check, and system logic must respond appropriately to the
assertion of this signal.
The eight data parity bits correspond to the eight bytes of the
data bus as follows:
For systems that do not support data parity, DP[7:0] should be
connected to VCC3 through pullup resistors.
Driven, Sampled, and
Floated
As Outputs: For single-transfer write cycles, the processor drives
DP[7:0] with valid parity one clock edge after the clock edge on
which ADS# is asserted and DP[7:0] remain in the same state
until the clock edge on which BRDY# is sampled asserted. If the
cycle is a writeback, DP[7:0] are driven one clock edge after the
clock edge on which ADS# is asserted and are subsequently
changed off the clock edge on which each BRDY# assertion of
the burst cycle is sampled.
As Inputs: During read cycles, the processor samples DP[7:0] on
the clock edge BRDY# is sampled asserted.
The processor always floats DP[7:0] except when they are being
driven during a write cycle as described above. In addition,
DP[7:0] are floated off the clock edge that BOFF # is sampled
asserted and off the clock edge that the processor asserts
HLDA in recognition of HOLD.
s
DP7: D[63:56]
s
DP3: D[31:24]
s
DP6: D[55:48]
s
DP2: D[23:16]
s
DP5: D[47:40]
s
DP1: D[15:8]
s
DP4: D[39:32]
s
DP0: D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com