Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 107 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 107 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 103Page - Advanced Micro Devices AMD-K6 Datasheet HTML 104Page - Advanced Micro Devices AMD-K6 Datasheet HTML 105Page - Advanced Micro Devices AMD-K6 Datasheet HTML 106Page - Advanced Micro Devices AMD-K6 Datasheet HTML 107Page - Advanced Micro Devices AMD-K6 Datasheet HTML 108Page - Advanced Micro Devices AMD-K6 Datasheet HTML 109Page - Advanced Micro Devices AMD-K6 Datasheet HTML 110Page - Advanced Micro Devices AMD-K6 Datasheet HTML 111Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 346 page
background image
Chapter 5
Signal Descriptions
89
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.12
BRDYC# (Burst Ready Copy)
Input, Internal Pullup
Summary
BRDYC # has the identical function as BRDY #. In the event
BRDY # becomes too heavily loaded due to a large fanout or
loading in a system, BRDYC # can be used to reduce this
loading, which improves timing.
In addition, BRDYC # is sampled when RESET is negated to
configure the drive strength of A[20:3], ADS #, HITM #, and
W/R #. If BRDYC # is 0 during the falling transition of RESET,
these particular outputs are configured using higher drive
strengths than the standard strength. If BRDYC# is 1 during the
falling transition of RESET, the standard strength is selected.
Sampled
BRDYC# is sampled every clock edge within a bus cycle starting
with the clock edge after the clock edge that negates ADS#.
BRDYC# is also sampled during the falling transition of RESET.
If RESET is driven synchronously, BRDYC # must meet the
specified hold time relative to the negation of RESET. If
RESET is driven asynchronously, the minimum setup and hold
time for BRDYC # relative to the negation of RESET is two
clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com