Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 108 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 108 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 104Page - Advanced Micro Devices AMD-K6 Datasheet HTML 105Page - Advanced Micro Devices AMD-K6 Datasheet HTML 106Page - Advanced Micro Devices AMD-K6 Datasheet HTML 107Page - Advanced Micro Devices AMD-K6 Datasheet HTML 108Page - Advanced Micro Devices AMD-K6 Datasheet HTML 109Page - Advanced Micro Devices AMD-K6 Datasheet HTML 110Page - Advanced Micro Devices AMD-K6 Datasheet HTML 111Page - Advanced Micro Devices AMD-K6 Datasheet HTML 112Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 346 page
background image
90
Signal Descriptions
Chapter 5
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
5.13
BREQ (Bus Request)
Output
Summary
BREQ is asserted by the processor to request the bus in order to
complete an internally pending bus cycle. The system logic can
use BREQ to arbitrate among the bus participants. If the
processor does not own the bus, BREQ is asserted until the
processor gains access to the bus in order to begin the pending
cycle or until the processor no longer needs to run the pending
cycle. If the processor currently owns the bus, BREQ is asserted
with ADS #. The processor asserts BREQ for each assertion of
ADS# but does not necessarily assert ADS# for each assertion of
BREQ.
Driven
BREQ is asserted off the same clock edge on which ADS # is
asserted. BREQ can also be asserted off any clock edge,
independent of the assertion of ADS #. BREQ can be negated
one clock edge after it is asserted.
The processor always drives BREQ except in Tri-State Test
mode.
5.14
CACHE# (Cacheable Access)
Output
Summary
For reads, CACHE # is asserted to indicate the cacheability of
the current bus cycle. In addition, if the processor samples
KEN # assert ed, which in dicates t he driven address is
cacheable, the cycle is a 32-byte burst read cycle. For write
cycles, CACHE# is asserted to indicate the current bus cycle is a
modified cache-line writeback. KEN # is ignored during
writebacks. If CACHE # is not asserted, or if KEN # is sampled
negated during a read cycle, the cycle is not cacheable and
defaults to a single-transfer cycle.
Driven and Floated
CACHE# is driven off the same clock edge as ADS# and remains
in the same state until the clock edge on which NA # or the last
expected BRDY# of the cycle is sampled asserted.
CACHE # is floated off the clock edge that BOFF # is sampled
asserted and off the clock edge that the processor asserts HLDA
in recognition of HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com