Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 112 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 112 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 108Page - Advanced Micro Devices AMD-K6 Datasheet HTML 109Page - Advanced Micro Devices AMD-K6 Datasheet HTML 110Page - Advanced Micro Devices AMD-K6 Datasheet HTML 111Page - Advanced Micro Devices AMD-K6 Datasheet HTML 112Page - Advanced Micro Devices AMD-K6 Datasheet HTML 113Page - Advanced Micro Devices AMD-K6 Datasheet HTML 114Page - Advanced Micro Devices AMD-K6 Datasheet HTML 115Page - Advanced Micro Devices AMD-K6 Datasheet HTML 116Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 346 page
background image
94
Signal Descriptions
Chapter 5
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
5.19
EADS# (External Address Strobe)
Input
Summary
System logic asserts EADS # during a cache inquire cycle to
indicate that the address bus contains a valid address. EADS#
can only be driven after the system logic has taken control of
the address bus by asserting AHOLD or BOFF # or by receiving
HLDA. The processor responds to the sampling of EADS # and
the address bus by driving HIT#, which indicates if the inquired
cache line exists in the processor’s cache, and HITM #, which
indicates if it is in the modified state.
Sampled
If AHOLD or BOFF # is asserted by the system logic in order to
execute a cache inquire cycle, the processor begins sampling
EADS # two clock edges after AHOLD or BOFF # is sampled
asserted. If the system logic asserts HOLD in order to execute a
cache inquire cycle, the processor begins sampling EADS# two
clock edges after the clock edge HLDA is asserted by the
processor.
EADS# is ignored during the following conditions:
s
One clock edge after the clock edge on which EADS# is
sampled asserted
s
Two clock edges after the clock edge on which ADS# is
asserted
s
When the processor is driving the address bus
s
When the processor asserts HITM#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com