Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 116 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 116 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 112Page - Advanced Micro Devices AMD-K6 Datasheet HTML 113Page - Advanced Micro Devices AMD-K6 Datasheet HTML 114Page - Advanced Micro Devices AMD-K6 Datasheet HTML 115Page - Advanced Micro Devices AMD-K6 Datasheet HTML 116Page - Advanced Micro Devices AMD-K6 Datasheet HTML 117Page - Advanced Micro Devices AMD-K6 Datasheet HTML 118Page - Advanced Micro Devices AMD-K6 Datasheet HTML 119Page - Advanced Micro Devices AMD-K6 Datasheet HTML 120Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 346 page
background image
98
Signal Descriptions
Chapter 5
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
5.23
HIT# (Inquire Cycle Hit)
Output
Summary
The processor asserts HIT # during an inquire cycle to indicate
that the cache line is valid within the processor’s instruction or
data cache (also known as a cache hit). The cache line can be in
the modified, exclusive, or shared state.
Driven
HIT # is always driven — except in Tri-State Test mode — and
only changes state the clock edge after the clock edge on which
EADS# is sampled asserted. It is driven in the same state until
the next inquire cycle.
5.24
HITM# (Inquire Cycle Hit To Modified Line)
Output
Summary
The processor asserts HITM # during an inquire cycle to
indicate that the cache line exists in the processor’s data cache
in the modified state. The processor performs a writeback cycle
as a result of this cache hit. If an inquire cycle hits a cache line
that is currently being written back, the processor asserts
HITM # but does not execute another writeback cycle. The
system logic must not expect the processor to assert ADS# each
time HITM# is asserted.
Driven
HITM # is always driven—except in Tri-State Test mode —and,
in particular, is driven to represent the result of an inquire cycle
the clock edge after the clock edge on which EADS# is sampled
asserted. If HITM # is negated in response to the inquire
address, it remains negated until the next inquire cycle. If
HITM# is asserted in response to the inquire address, it remains
asserted throughout the writeback cycle and is negated one
clock edge after the last BRDY # of the writeback is sampled
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com