Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 109 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 109 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 105Page - Advanced Micro Devices AMD-K6 Datasheet HTML 106Page - Advanced Micro Devices AMD-K6 Datasheet HTML 107Page - Advanced Micro Devices AMD-K6 Datasheet HTML 108Page - Advanced Micro Devices AMD-K6 Datasheet HTML 109Page - Advanced Micro Devices AMD-K6 Datasheet HTML 110Page - Advanced Micro Devices AMD-K6 Datasheet HTML 111Page - Advanced Micro Devices AMD-K6 Datasheet HTML 112Page - Advanced Micro Devices AMD-K6 Datasheet HTML 113Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 346 page
background image
Chapter 5
Signal Descriptions
91
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.15
CLK (Clock)
Input
Summary
The CLK signal is the bus clock for the processor and is the
reference for all signal timings under normal operation (except
for TDI, TDO, TMS, and TRST#). BF[2:0] determine the internal
frequency multiplier applied to CLK to obtain the processor’s
core operating frequency. (See “BF[2:0] (Bus Frequency)” on
page 86 for a list of the processor-to-bus clock ratios.)
Sampled
The CLK signal must be stable a minimum of 1.0 ms prior to the
negation of RESET to ensure the proper operation of the
processor. See “CLK Switching Characteristics” on page 241 for
details regarding the CLK specifications.
5.16
D/C# (Data/Code)
Output
Summary
The processor drives D/C # during a memory bus cycle to
indicate whether it is addressing data or executable code. D/C#
is also used to define other bus cycles, including interrupt
acknowledge and special cycles. (See Table 19 on page 119 for
more details.)
Driven and Floated
D/C# is driven off the same clock edge as ADS# and remains in
the same state until the clock edge on which NA # or the last
expected BRDY # of the cycle is sampled asserted. D/C # is
driven during memory cycles, I/O cycles, special bus cycles, and
interrupt acknowledge cycles.
D/C # is floated off the clock edge that BOFF # is sampled
asserted and off the clock edge that the processor asserts HLDA
in recognition of HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com