Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 105 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 105 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 101Page - Advanced Micro Devices AMD-K6 Datasheet HTML 102Page - Advanced Micro Devices AMD-K6 Datasheet HTML 103Page - Advanced Micro Devices AMD-K6 Datasheet HTML 104Page - Advanced Micro Devices AMD-K6 Datasheet HTML 105Page - Advanced Micro Devices AMD-K6 Datasheet HTML 106Page - Advanced Micro Devices AMD-K6 Datasheet HTML 107Page - Advanced Micro Devices AMD-K6 Datasheet HTML 108Page - Advanced Micro Devices AMD-K6 Datasheet HTML 109Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 346 page
background image
Chapter 5
Signal Descriptions
87
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.10
BOFF# (Backoff)
Input
Summary
If BOFF # is sampled asserted, the processor unconditionally
aborts any cycles in progress and transitions to a bus hold state
by floating the following signals: A[31:3], ADS #, ADSC #, AP,
BE[7:0]#, CACHE #, D[63:0], D/C #, DP[7:0], LOCK #, M/IO #,
PCD, PWT, SCYC, and W/R#. These signals remain floated until
BOFF# is sampled negated. This allows an alternate bus master
or the system to control the bus.
When BOFF# is sampled negated, any processor cycle that was
aborted due to the assertion of BOFF # is restarted from the
beginning of the cycle, regardless of the number of transfers
that were completed. If BOFF# is sampled asserted on the same
clock edge as BRDY # of a bus cycle of any length, then BOFF #
takes precedence over the BRDY #. In this case, the cycle is
aborted and restarted after BOFF# is sampled negated.
Sampled
BOFF# is sampled on every clock edge. The processor floats its
bus signals off the clock edge on which BOFF # is sampled
asserted. These signals remain floated until the clock edge on
which BOFF# is sampled negated.
BOFF # is recognized while INIT and RESET are sampled
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com