Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 99Page - Advanced Micro Devices AMD-K6 Datasheet HTML 100Page - Advanced Micro Devices AMD-K6 Datasheet HTML 101Page - Advanced Micro Devices AMD-K6 Datasheet HTML 102Page - Advanced Micro Devices AMD-K6 Datasheet HTML 103Page - Advanced Micro Devices AMD-K6 Datasheet HTML 104Page - Advanced Micro Devices AMD-K6 Datasheet HTML 105Page - Advanced Micro Devices AMD-K6 Datasheet HTML 106Page - Advanced Micro Devices AMD-K6 Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 346 page
background image
Chapter 5
Signal Descriptions
85
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.8
BE[7:0]# (Byte Enables)
Output
Summary
BE[7:0]# are used by the processor to indicate the valid data
bytes during a write cycle and the requested data bytes during
a read cycle. The byte enables can be used to derive address bits
A[2:0], which are not physically part of the processor’s address
bus. The processor checks and generates valid data parity for
the data bytes that are valid as defined by the byte enables. The
eight byte enables correspond to the eight bytes of the data bus
as follows:
The processor expects data to be driven by the system logic on
all eight bytes of the data bus during a burst cache-line read
cycle, independent of the byte enables that are asserted.
The byte enables are also used to distinguish between special
bus cycles as defined in Table 19 on page 119.
Driven and Floated
BE[7:0]# are driven off the same clock edge as ADS # and
remain in the same state until the clock edge on which NA# or
the last expected BRDY # of the cycle is sampled asserted.
BE[7:0]# are driven during memory cycles, I/O cycles, special
bus cycles, and interrupt acknowledge cycles.
The processor floats BE[7:0]# off the clock edge that BOFF# is
sampled asserted and off the clock edge that the processor
asserts HLDA in recognition of HOLD. Unlike the address bus,
BE[7:0]# are not floated in response to AHOLD.
s
BE7#: D[63:56]
s
BE3#: D[31:24]
s
BE6#: D[55:48]
s
BE2#: D[23:16]
s
BE5#: D[47:40]
s
BE1#: D[15:8]
s
BE4#: D[39:32]
s
BE0#: D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com