Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 123 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 123 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 119Page - Advanced Micro Devices AMD-K6 Datasheet HTML 120Page - Advanced Micro Devices AMD-K6 Datasheet HTML 121Page - Advanced Micro Devices AMD-K6 Datasheet HTML 122Page - Advanced Micro Devices AMD-K6 Datasheet HTML 123Page - Advanced Micro Devices AMD-K6 Datasheet HTML 124Page - Advanced Micro Devices AMD-K6 Datasheet HTML 125Page - Advanced Micro Devices AMD-K6 Datasheet HTML 126Page - Advanced Micro Devices AMD-K6 Datasheet HTML 127Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 346 page
background image
Chapter 5
Signal Descriptions
105
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.33
M/IO# (Memory or I/O)
Output
Summary
The processor drives M/IO# during a bus cycle to indicate
whether it is addressing the memory or I/O space. If M/IO# = 1,
the processor is addressing memory or a memory-mapped I/O
port as the result of an instruction fetch or an instruction that
loads or stores data. If M/IO# = 0, the processor is addressing an
I/O port during the execution of an I/O instruction. In addition,
M/IO# is used to define other bus cycles, including interrupt
acknowledge and special cycles. (See Table 19 on page 119 for
more details.)
Driven and Floated
M/IO# is driven off the same clock edge as ADS# and remains in
the same state until the clock edge on which NA# or the last
expected BRDY# of the cycle is sampled asserted. M/IO# is
driven during memory cycles, I/O cycles, special bus cycles, and
interrupt acknowledge cycles.
M/IO# is floated off the clock edge that BOFF# is sampled
asserted and off the clock edge that the processor asserts HLDA
in response to HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com