Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 127 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 127 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 123Page - Advanced Micro Devices AMD-K6 Datasheet HTML 124Page - Advanced Micro Devices AMD-K6 Datasheet HTML 125Page - Advanced Micro Devices AMD-K6 Datasheet HTML 126Page - Advanced Micro Devices AMD-K6 Datasheet HTML 127Page - Advanced Micro Devices AMD-K6 Datasheet HTML 128Page - Advanced Micro Devices AMD-K6 Datasheet HTML 129Page - Advanced Micro Devices AMD-K6 Datasheet HTML 130Page - Advanced Micro Devices AMD-K6 Datasheet HTML 131Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 346 page
background image
Chapter 5
Signal Descriptions
109
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.38
PWT (Page Writethrough)
Output
Summary
The processor drives PWT to indicate the operating system’s
specification of the writeback state or writethrough state for
the page being addressed. PWT, together with WB/WT#,
specifies the data cache-line state during cacheable read misses
and write hits to shared cache lines. (See “WB/WT# (Writeback
or Writethrough)” on page 116 for more details.)
The state of PWT depends upon the processor’s operating mode
and the state of certain bits in its control registers and TLB as
follows:
s
In Real mode, or in Protected and Virtual-8086 modes while
paging is disabled (PG bit in CR0 set to 0):
PWT output = 0 (writeback state)
s
In Protected and Virtual-8086 modes while paging is
enabled (PG bit in CR0 set to 1):
•
For accesses to I/O space, page directory entries, and
other non-paged accesses:
PWT output = PWT bit in CR3
•
For accesses to 4-Kbyte page table entries or 4-Mbyte
pages:
PWT output = PWT bit in page directory entry
•
For accesses to 4-Kbyte pages:
PWT output = PWT bit in page table entry
Driven and Floated
PWT is driven off the same clock edge as ADS# and remains in
the same state until the clock edge on which NA# or the last
expected BRDY# of the cycle is sampled asserted.
PWT is floated off the clock edge that BOFF# is sampled
asserted and off the clock edge that the processor asserts HLDA
in response to HOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com