Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 131 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 131 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 127Page - Advanced Micro Devices AMD-K6 Datasheet HTML 128Page - Advanced Micro Devices AMD-K6 Datasheet HTML 129Page - Advanced Micro Devices AMD-K6 Datasheet HTML 130Page - Advanced Micro Devices AMD-K6 Datasheet HTML 131Page - Advanced Micro Devices AMD-K6 Datasheet HTML 132Page - Advanced Micro Devices AMD-K6 Datasheet HTML 133Page - Advanced Micro Devices AMD-K6 Datasheet HTML 134Page - Advanced Micro Devices AMD-K6 Datasheet HTML 135Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 346 page
background image
Chapter 5
Signal Descriptions
113
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
5.44
STPCLK# (Stop Clock)
Input, Internal Pullup
Summary
The assertion of STPCLK# causes the processor to enter the
Stop Grant state, during which the processor’s internal clock is
stopped. From the Stop G rant state, the processor can
subsequently transition to the Stop Clock state, in which the
bus clock CLK is stopped. Upon recognizing STPCLK#, the
processor performs the following actions, in the order shown:
1. Flushes its instruction pipelines
2. Completes all pending and in-progress bus cycles
3. Acknowledges the STPCLK# assertion by executing a Stop
Grant special bus cycle (see Table 19 on page 119)
4. Stops its internal clock after BRDY# of the Stop Grant
special bus cycle is sampled asserted and after EWBE# is
sampled asserted
5. Enters the Stop Clock state if the system logic stops the bus
clock CLK (optional)
See “Clock Control” on page 223 for more details regarding
clock control.
Sampled
STPCLK# is sampled as a level-sensitive input on every clock
edge but is not recognized until the next instruction boundary.
System logic can drive the signal either synchronously or
asynchronously. If it is asserted asynchronously, it must be
asserted for a minimum pulse width of two clocks.
STPCLK# must remain asserted until recognized, which is
indicated by the completion of the Stop Grant special cycle.
5.45
TCK (Test Clock)
Input, Internal Pullup
Summary
TCK is the clock for boundary-scan testing using the Test
Access Port (TAP). See “Boundary-Scan Test Access Port
(TAP)” on page 205 for details regarding the operation of the
TAP controller.
Sampled
The processor always samples TCK, except while TRST# is
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com