Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 124Page - Advanced Micro Devices AMD-K6 Datasheet HTML 125Page - Advanced Micro Devices AMD-K6 Datasheet HTML 126Page - Advanced Micro Devices AMD-K6 Datasheet HTML 127Page - Advanced Micro Devices AMD-K6 Datasheet HTML 128Page - Advanced Micro Devices AMD-K6 Datasheet HTML 129Page - Advanced Micro Devices AMD-K6 Datasheet HTML 130Page - Advanced Micro Devices AMD-K6 Datasheet HTML 131Page - Advanced Micro Devices AMD-K6 Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 346 page
background image
110
Signal Descriptions
Chapter 5
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
5.39
RESET (Reset)
Input
Summary
When the processor samples RESET asserted, it immediately
flushes and initializes all internal resources and its internal
state including its pipelines and caches, the floating-point
state, the MMX state, and all registers, and then the processor
jumps to address FFFF_FFF0h to start instruction execution.
The signals BRDYC# and FLUSH# are sampled during the
falling transition of RESET to select the drive strength of
selected output signals and to invoke the Tri-State Test mode,
respectively. (See these signal descriptions for more details.)
Sampled
RESET is sampled as a level-sensitive input on every clock
edge. System logic can drive the signal either synchronously or
asynchronously.
During the initial power-on reset of the processor, RESET must
remain asserted for a minimum of 1.0 ms after CLK and VCC
reach specification before it is negated.
During a warm reset, while CLK and VCC are within their
specification, RESET must remain asserted for a minimum of
15 clocks prior to its negation.
5.40
RSVD (Reserved)
Summary
Reserved signals are a special class of pins that can be treated
in one of the following ways:
s
As no-connect (NC) pins, in which case these pins are left
unconnected
s
As pins connected to the system logic as defined by the
industry-standard Pentium interface (Socket 7)
s
Any combination of NC and Socket 7 pins
In any case, if the RSVD pins are treated accordingly, the
normal operation of the AMD-K6 processor is not adversely
affected in any manner.
See “Pin Designations” on page 269 for a list of the locations of
the RSVD pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com