Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 135 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 135 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 131Page - Advanced Micro Devices AMD-K6 Datasheet HTML 132Page - Advanced Micro Devices AMD-K6 Datasheet HTML 133Page - Advanced Micro Devices AMD-K6 Datasheet HTML 134Page - Advanced Micro Devices AMD-K6 Datasheet HTML 135Page - Advanced Micro Devices AMD-K6 Datasheet HTML 136Page - Advanced Micro Devices AMD-K6 Datasheet HTML 137Page - Advanced Micro Devices AMD-K6 Datasheet HTML 138Page - Advanced Micro Devices AMD-K6 Datasheet HTML 139Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 346 page
background image
Chapter 5
Signal Descriptions
117
20695H/0—March 1998
AMD-K6® Processor Data Sheet
Preliminary Information
Table 14. Input Pin Types
Name
Type
Note
Name
Type
Note
A20M#
Asynchronous
Note 1
IGNNE#
Asynchronous
Note 1
AHOLD
Synchronous
INIT
Asynchronous
Note 2
BF[2:0]
Synchronous
Note 4
INTR
Asynchronous
Note 1
BOFF#
Synchronous
INV
Synchronous
BRDY#
Synchronous
KEN#
Synchronous
BRDYC#
Synchronous
Note 7
NA#
Synchronous
CLK
Clock
NMI
Asynchronous
Note 2
EADS#
Synchronous
RESET
Asynchronous
Note 5, 6
EWBE#
Synchronous
SMI#
Asynchronous
Note 2
FLUSH#
Asynchronous
Note 2, 3
STPCLK#
Asynchronous
Note 1
HOLD
Synchronous
WB/WT#
Synchronous
Notes:
1. These level-sensitive signals can be asserted synchronously or asynchronously. To be sampled on a specific clock edge, setup and
hold times must be met. If asserted asynchronously, they must be asserted for a minimum pulse width of two clocks.
2. These edge-sensitive signals can be asserted synchronously or asynchronously. To be sampled on a specific clock edge, setup and
hold times must be met. If asserted asynchronously, they must have been negated at least two clocks prior to assertion and must
remain asserted at least two clocks.
3. FLUSH
# is also sampled during the falling transition of RESET and can be asserted synchronously or asynchronously. To be
sampled on a specific clock edge, setup and hold times must be met the clock edge before the clock edge on which RESET is
sampled negated. If asserted asynchronously, FLUSH# must meet a minimum setup and hold time of two clocks relative to the
negation of RESET.
4. BF[2:0] are sampled during the falling transition of RESET. They must meet a minimum setup time of 1.0 ms and a minimum hold
time of two clocks relative to the negation of RESET.
5. During the initial power-on reset of the processor, RESET must remain asserted for a minimum of 1.0 ms after CLK and VCC reach
specification before it is negated.
6. During a warm reset, while CLK and VCC are within their specification, RESET must remain asserted for a minimum of 15 clocks
prior to its negation.
7. BRDYC# is also sampled during the falling transition of RESET. If RESET is driven synchronously, BRDYC# must meet the specified
hold time relative to the negation of RESET. If asserted asynchronously, BRDYC# must meet a minimum setup and hold time of
two clocks relative to the negation of RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com