Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 146 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 146 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 142Page - Advanced Micro Devices AMD-K6 Datasheet HTML 143Page - Advanced Micro Devices AMD-K6 Datasheet HTML 144Page - Advanced Micro Devices AMD-K6 Datasheet HTML 145Page - Advanced Micro Devices AMD-K6 Datasheet HTML 146Page - Advanced Micro Devices AMD-K6 Datasheet HTML 147Page - Advanced Micro Devices AMD-K6 Datasheet HTML 148Page - Advanced Micro Devices AMD-K6 Datasheet HTML 149Page - Advanced Micro Devices AMD-K6 Datasheet HTML 150Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 346 page
background image
128
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Misaligned
Single-Transfer
Memory Read and
Write
Figure 46 on page 129 shows a misaligned (split) memory read
followed by a misaligned memory write. Any cycle that is not
aligned as defined in “SCYC (Split Cycle)” on page 111 is
considered misaligned. When the processor encounters a
misaligned access, it determines the appropriate pair of bus
cycles — each with its own ADS# and BRDY# — required to
complete the access.
The AMD-K6 processor performs misaligned memory reads and
memory writes using least-significant bytes (LSBs) first
followed by most-significant bytes (MSBs). Table 20 shows the
order. In the first memory read cycle in Figure 46, the processor
reads the least-significant bytes. Immediately after the
processor samples BRDY# asserted, it drives the second bus
cycle to read the most-significant bytes to complete the
misaligned transfer.
Similarly, the misaligned memory write cycle in Figure 46
transfers the LSBs to the memory bus first. In the next cycle,
after the processor samples BRDY# asserted, the MSBs are
written to the memory bus.
Table 20. Bus-Cycle Order During Misaligned Transfers
Type of Access
First Cycle
Second Cycle
Memory Read
LSBs
MSBs
Memory Write
LSBs
MSBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com