Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 168 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 168 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 164Page - Advanced Micro Devices AMD-K6 Datasheet HTML 165Page - Advanced Micro Devices AMD-K6 Datasheet HTML 166Page - Advanced Micro Devices AMD-K6 Datasheet HTML 167Page - Advanced Micro Devices AMD-K6 Datasheet HTML 168Page - Advanced Micro Devices AMD-K6 Datasheet HTML 169Page - Advanced Micro Devices AMD-K6 Datasheet HTML 170Page - Advanced Micro Devices AMD-K6 Datasheet HTML 171Page - Advanced Micro Devices AMD-K6 Datasheet HTML 172Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 346 page
background image
150
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Bus Backoff (BOFF#)
BOFF# provides the fastest response among bus-hold inputs.
Either the system logic or another bus master can assert BOFF#
to gain control of the bus immediately. BOFF# is also used to
resolve potential deadlock problems that arise as a result of
inquire cycles. The processor samples BOFF# on every clock
edg e . If BOFF# is sampl e d asserted, the pr oc ess o r
unconditionally aborts any cycles in progress and transitions to
a bus hold state. (See “BOFF# (Backoff)” on page 87.) Figure 58
on page 151 shows a read cycle that is aborted when the
processor samples BOFF# asserted even though BRDY# is
sampled asserted on the same clock edge. The read cycle is
restarted after BOFF# is sampled negated (KEN# must be in
the same state during the restarted cycle as its state during the
aborted cycle).
During a BOFF#-initiated inquire cycle that hits a shared or
exclusive line, the processor samples BOFF# negated and
restarts any bus cycle that was aborted when BOFF# was
asserted. If a BOFF#-initiated inquire cycle hits a modified line,
the processor performs a writeback cycle before it restarts the
aborted cycle.
If the processor samples BOFF# asserted on the same clock
edge that it asserts ADS#, ADS# is floated but the system logic
may erroneously interpret ADS# as asserted. In this case, the
system logic must properly interpret the state of ADS# when
BOFF# is negated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com