Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 170 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 170 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 166Page - Advanced Micro Devices AMD-K6 Datasheet HTML 167Page - Advanced Micro Devices AMD-K6 Datasheet HTML 168Page - Advanced Micro Devices AMD-K6 Datasheet HTML 169Page - Advanced Micro Devices AMD-K6 Datasheet HTML 170Page - Advanced Micro Devices AMD-K6 Datasheet HTML 171Page - Advanced Micro Devices AMD-K6 Datasheet HTML 172Page - Advanced Micro Devices AMD-K6 Datasheet HTML 173Page - Advanced Micro Devices AMD-K6 Datasheet HTML 174Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 346 page
background image
152
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Locked Cycles
The processor asserts LOCK# during a sequence of bus cycles to
ensure the cycles are completed without allowing other bus
masters to intervene. Locked operations can consist of two to
five cycles. LOCK# is asserted during the following operations:
s
An interrupt acknowledge sequence
s
Descriptor Table accesses
s
Page Directory and Page Table accesses
s
XCHG instruction
s
An instruction with an allowable LOCK prefix
In order to ensure that locked operations appear on the bus and
are visible to the entire system, any data operands addressed
during a locked cycle that reside in the processor’s cache are
flushed and invalidated from the cache prior to the locked
operation. If the cache line is in the modified state, it is written
back and invalidated prior to the locked operation. Likewise,
any data read during a locked operation is not cached. The
processor negates LOCK# for at least one clock between
consecutive sequences of locked operations to allow the system
logic to arbitrate for the bus.
The processor asserts SCYC during misaligned locked transfers
on the D[63:0] data bus. The processor generates additional bus
cycles to complete the transfer of misaligned data.
Basic Locked
Operation
Figure 59 on page 153 shows a pair of read-write bus cycles. It
represents a typical read-modify-write locked operation. The
processor asserts LOCK# off the same clock edge that it asserts
ADS# of the first bus cycle in the locked operation and holds it
asserted until the last expected BRDY# of the last bus cycle in
the locked operation is sampled asserted. (The processor
negates LOCK# off the same clock edge.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com