Electronic Components Datasheet Search
  English  ▼

X  

AMD-K6 Datasheet(PDF) 174 Page - Advanced Micro Devices

Part # AMD-K6
Description  AMD-K6 Processor
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6 Datasheet(HTML) 174 Page - Advanced Micro Devices

Back Button AMD-K6 Datasheet HTML 170Page - Advanced Micro Devices AMD-K6 Datasheet HTML 171Page - Advanced Micro Devices AMD-K6 Datasheet HTML 172Page - Advanced Micro Devices AMD-K6 Datasheet HTML 173Page - Advanced Micro Devices AMD-K6 Datasheet HTML 174Page - Advanced Micro Devices AMD-K6 Datasheet HTML 175Page - Advanced Micro Devices AMD-K6 Datasheet HTML 176Page - Advanced Micro Devices AMD-K6 Datasheet HTML 177Page - Advanced Micro Devices AMD-K6 Datasheet HTML 178Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 346 page
background image
156
Bus Cycles
Chapter 6
AMD-K6® Processor Data Sheet
20695H/0—March 1998
Preliminary Information
Interrupt
Acknowledge
In response to recognizing the system’s maskable interrupt
(INTR), the processor drives an interrupt acknowledge cycle at
the ne xt instru c t i o n boundar y. Dur i ng an inter r upt
acknowledge cycle, the processor drives a locked pair of read
cycles as shown in Figure 61 on page 157. The first read cycle is
not functional, and the second read cycle returns the interrupt
number on D[7:0] (00h–FFh). Table 23 shows the state of the
signals during an interrupt acknowledge cycle.
The system logic can drive INTR either synchronously or
asynchronously. If it is asserted asynchronously, it must be
asserted for a minimum pulse width of two clocks. To ensure it
is recognized, INTR must remain asserted until an interrupt
acknowledge sequence is complete.
Table 23. Interrupt Acknowledge Operation Definition
Processor Outputs
First Bus Cycle
Second Bus Cycle
D/C#
Low
Low
M/IO#
Low
Low
W/R#
Low
Low
BE[7:0]#
EFh
FEh (low byte enabled)
A[31:3]
0000_0000h
0000_0000h
D[63:0]
(ignored)
Interrupt number expected from interrupt
controller on D[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com