Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 55Page - Texas Instruments DP83620 Datasheet HTML 56Page - Texas Instruments DP83620 Datasheet HTML 57Page - Texas Instruments DP83620 Datasheet HTML 58Page - Texas Instruments DP83620 Datasheet HTML 59Page - Texas Instruments DP83620 Datasheet HTML 60Page - Texas Instruments DP83620 Datasheet HTML 61Page - Texas Instruments DP83620 Datasheet HTML 62Page - Texas Instruments DP83620 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 105 page
background image
start of packet
end of packet
<150 ns
<150 ns
>150 ns
VSQ+
VSQ-
VSQ-(reduced)
VSQ+(reduced)
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Valid data is considered to be present until the squelch level has not been generated for a time longer
than 150 ns, indicating the End of Packet. Once good data has been detected, the squelch levels are
reduced to minimize the effect of noise causing premature End of Packet detection.
The receive squelch threshold level can be lowered for use in longer cable or STP applications. This is
achieved by configuring the SQUELCH bits (11:9) in the 10BTSCR register (0x1A).
Figure 7-3. 10BASE-T Twisted Pair Smart Squelch Operation
7.4.3
Collision Detection and SQE
When in Half Duplex, a 10BASE-T collision is detected when the receive and transmit channels are active
simultaneously. Collisions are reported by the COL signal on the MII. Collisions are also reported when a
jabber condition is detected.
The COL signal remains set for the duration of the collision. If the ENDEC is receiving when a collision is
detected it is reported immediately (through the COL pin).
When heartbeat is enabled, approximately 1 µs after the transmission of each packet, a Signal Quality
Error (SQE) signal of approximately 10-bit times is generated to indicate successful transmission. SQE is
reported as a pulse on the COL signal of the MII.
The SQE test is inhibited when the PHY is set in full duplex mode. SQE can also be inhibited by setting
the HEARTBEAT_DIS bit (1) in the 10BTSCR register (0x1A).
7.4.4
Carrier Sense
Carrier Sense (CRS) may be asserted due to receive activity once valid data is detected via the squelch
function.
For 10 Mb/s Half Duplex operation, CRS is asserted during either packet transmission or reception.
For 10 Mb/s Full Duplex operation, CRS is asserted only during receive activity.
CRS is deasserted following an end of packet.
7.4.5
Normal Link Pulse Detection/Generation
The link pulse generator produces pulses as defined in the IEEE 802.3 10BASE-T standard. Each link
pulse is nominally 100 ns in duration and transmitted every 16 ms in the absence of transmit data.
Link pulses are used to check the integrity of the connection with the remote end. If valid link pulses are
not received, the link detector disables the 10BASE-T twisted pair transmitter, receiver and collision
detection functions.
When the link integrity function is disabled (FORCE_LINK_10 of the 10BTSCR register), a good link is
forced and the 10BASE-T transceiver will operate regardless of the presence of link pulses.
Copyright © 2011–2013, Texas Instruments Incorporated
Architecture
59
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com