Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 89 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 85Page - Texas Instruments DP83620 Datasheet HTML 86Page - Texas Instruments DP83620 Datasheet HTML 87Page - Texas Instruments DP83620 Datasheet HTML 88Page - Texas Instruments DP83620 Datasheet HTML 89Page - Texas Instruments DP83620 Datasheet HTML 90Page - Texas Instruments DP83620 Datasheet HTML 91Page - Texas Instruments DP83620 Datasheet HTML 92Page - Texas Instruments DP83620 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
10.2.10 Energy Detect Control (EDCR)
This register provides control and status for the Energy Detect function.
Table 10-25. Energy Detect Control (EDCR), address 0x1D
Bit
Bit Name
Default
Description
15
ED_EN
0, RW
Energy Detect Enable:
Allow Energy Detect Mode.
14
ED_AUTO_UP
1, RW
Energy Detect Automatic Power Up:
Automatically begin power up sequence when Energy Detect Data
Threshold value (EDCR[3:0]) is reached. Alternatively, the device could
be powered up manually using the ED_MAN bit (ECDR[12]).
13
ED_AUTO_DOWN
1, RW
Energy Detect Automatic Power Down:
Automatically begin power down sequence when no energy is detected.
Alternatively, the device could be powered down using the ED_MAN bit
(EDCR[12]).
12
ED_MAN
0, RW/SC
Energy Detect Manual Power Up/Down:
Begin power up/down sequence when this bit is asserted. When set, the
Energy Detect algorithm will initiate a change of Energy Detect state
regardless of threshold (error or data) and timer values. In managed
applications, this bit can be set after clearing the Energy Detect interrupt
to control the timing of changing the power state.
11
ED_BURST_DIS
0, RW
Energy Detect Burst Disable:
Disable bursting of energy detect data pulses. By default, Energy Detect
(ED) transmits a burst of 4 ED data pulses each time the CD is powered
up. When bursting is disabled, only a single ED data pulse will be sent
each time the CD is powered up.
10
ED_PWR_STATE
0, RO
Energy Detect Power State:
Indicates current Energy Detect Power state. When set, Energy Detect is
in the powered up state. When cleared, Energy Detect is in the powered
down state. This bit is invalid when Energy Detect is not enabled.
9
ED_ERR_MET
0, RO/COR
Energy Detect Error Threshold Met:
No action is automatically taken upon receipt of error events. This bit is
informational only and would be cleared on a read.
8
ED_DATA_MET
0, RO/COR
Energy Detect Data Threshold Met:
The number of data events that occurred met or surpassed the Energy
Detect Data Threshold. This bit is cleared on a read.
7:4
ED_ERR_COUNT
0001, RW
Energy Detect Error Threshold:
Threshold to determine the number of energy detect error events that
should cause the device to take action. Intended to allow averaging of
noise that may be on the line. Counter will reset after approximately 2
seconds without any energy detect data events.
3:0
ED_DATA_COUNT
0001, RW
Energy Detect Data Threshold:
Threshold to determine the number of energy detect events that should
cause the device to take actions. Intended to allow averaging of noise
that may be on the line. Counter will reset after approximately 2 seconds
without any energy detect data events.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
89
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com