Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 1 Page - Texas Instruments

  DP83620 Datasheet HTML 1Page - Texas Instruments DP83620 Datasheet HTML 2Page - Texas Instruments DP83620 Datasheet HTML 3Page - Texas Instruments DP83620 Datasheet HTML 4Page - Texas Instruments DP83620 Datasheet HTML 5Page - Texas Instruments DP83620 Datasheet HTML 6Page - Texas Instruments DP83620 Datasheet HTML 7Page - Texas Instruments DP83620 Datasheet HTML 8Page - Texas Instruments DP83620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
Transceiver with Fiber Support (FX)
Check for Samples: DP83620
1
Introduction
1.1
Features
12
• Deterministic, Low Transmit and Receive
• RMII Rev. 1.2 and MII MAC Interface
Latency
• RMII Master Mode
• Selectable Frequency Synchronized Clock
• Synchronous Ethernet
Output
• 25 MHz MDC and MDIO Serial Management
• Dynamic Link Quality Monitoring
Interface
• TDR Based Cable Diagnostic and Cable Length
• IEEE 802.3u 100BASE-FX Fiber Interface
Detection
• IEEE 1149.1 JTAG
• 10/100 Mb/s Packet BIST (Built in Self Test)
• Programmable LED Support for Link, 10 /100
• Error-Free Operation up to 150 Meters CAT5
Mb/s Mode, Duplex, Activity, and Collision
Cable
Detect
• ESD Protection - 8 kV Human Body Model
• Optional 100BASE-TX Fast Link Loss Detection
• 2.5 V and 3.3 V I/Os and MAC Interface
• Industrial Temperature Range
• Auto-MDIX for 10/100 Mbps
• 48 Pin WQFN Package (7mm) x (7mm)
• Auto-Crossover in Forced Modes of Operation
1.2
Applications
•
Factory Automation
•
General Embedded Applications
1.3
Description
The DP83620 is a highly reliable, feature rich device suited for industrial applications. The DP83620 offers
low power consumption, including several intelligent power down states. In addition to low power, the
DP83620 is optimized for cable length performance far exceeding IEEE specifications. The DP83620
includes a 25MHz clock out. This allows the application to be designed with a minimum of external parts,
which in turn results in the lowest possible total cost of the solution.
The DP83620 offers innovative diagnostic features unique to Texas Instruments, including dynamic
monitoring of link quality during standard operation for fault prediction. These advanced features allow the
system designer to implement a fault prediction mechanism to detect and warn of deteriorating and
changing link conditions. This single port fast Ethernet transceiver can support both copper and fiber
media. The DP838620 also provides flexibility by supporting both MII and RMII interfaces.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - DP83620

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83620 TI1-DP83620 Datasheet
1Mb / 102P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
DP83620 TI-DP83620 Datasheet
1Mb / 105P
Deterministic, Low Transmit and Receive Latency, Selectable Frequency Synchronized Clock Output, Dynamic Link Quality Monitoring
DP83620 TI-DP83620 Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620 TI2-DP83620 Datasheet
976Kb / 108P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
REVISED APRIL 2013
DP83620SQ TI-DP83620SQ Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
More results

Similar Description - DP83620

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Davicom Semiconductor, ...
DM9161BI DAVICOM-DM9161BI Datasheet
519Kb / 45P
Industrial-grade 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161CI DAVICOM-DM9161CI Datasheet
696Kb / 47P
Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
Texas Instruments
DP83620 TI1-DP83620 Datasheet
1Mb / 102P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver with Fiber Support (FX)
DP83620SQE TI1-DP83620SQE Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83620SQE TI-DP83620SQE Datasheet
1Mb / 105P
DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com