Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 19Page - Texas Instruments DP83620 Datasheet HTML 20Page - Texas Instruments DP83620 Datasheet HTML 21Page - Texas Instruments DP83620 Datasheet HTML 22Page - Texas Instruments DP83620 Datasheet HTML 23Page - Texas Instruments DP83620 Datasheet HTML 24Page - Texas Instruments DP83620 Datasheet HTML 25Page - Texas Instruments DP83620 Datasheet HTML 26Page - Texas Instruments DP83620 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
T.2.20.2
T2.20.1
Fast Link
Pulse(s)
T2.20.1
T2.20.3
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
T2.20.5
T2.20.4
PMD
Output Pair
T2.19.2
T2.19.1
Normal Link
Pulse(s)
T2.18.1
T2.18.2
TX_EN
PMD Output
Pair
COL
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
4.22 AC Specifications — 10 Mb/s Jabber Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.18.1
Jabber Activation Time
85
ms
T2.18.2
Jabber Deactivation Time
500
ms
4.23 AC Specifications — 10BASE-T Normal Link Pulse Timing
Parameter
Description
Notes
Min
Typ(1)
Max
Units
T2.19.1
Pulse Width
100
ns
T2.19.2
Pulse Period
16
ms
(1)
These specifications represent transmit timings.
4.24 AC Specifications — Auto-Negotiation Fast Link Pulse (FLP) Timing
Parameter
Description
Notes
Min
Typ(1)
Max
Units
T2.20.1
Clock, Data Pulse Width
100
ns
T2.20.2
Clock Pulse to Clock Pulse Period
125
µs
T2.20.3
Clock Pulse to Data Pulse Period
Data = 1
62
µs
T2.20.4
Burst Width
2
ms
T2.20.5
FLP Burst to FLP Burst Period
16
ms
(1)
These specifications represent transmit timings.
Copyright © 2011–2013, Texas Instruments Incorporated
Electrical Specifications
23
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com