Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 83 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 79Page - Texas Instruments DP83620 Datasheet HTML 80Page - Texas Instruments DP83620 Datasheet HTML 81Page - Texas Instruments DP83620 Datasheet HTML 82Page - Texas Instruments DP83620 Datasheet HTML 83Page - Texas Instruments DP83620 Datasheet HTML 84Page - Texas Instruments DP83620 Datasheet HTML 85Page - Texas Instruments DP83620 Datasheet HTML 86Page - Texas Instruments DP83620 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Table 10-19. RMII and Bypass Register (RBR), address 0x17 (continued)
Bit
Bit Name
Default
Description
8
PMD_LOOP
0, RW
PMD Loopback:
0 = Normal Operation.
1 = Remote (PMD) Loopback.
Setting this bit will cause the device to Loopback data received from the Physical
Layer. The loopback is done prior to the MII or RMII interface. Data received at the
internal MII or RMII interface will be applied to the transmitter. This mode should
only be used if RMII mode or Single Clock MII mode is enabled.
7
SCMII_RX
0, RW
Single Clock RX MII Mode:
0 = Standard MII mode.
1 = Single Clock RX MII Mode.
Setting this bit will cause the device to generate receive data (RX_DV, RX_ER,
RXD[3:0]) synchronous to the X1 Reference clock. RX_CLK is not used in this
mode. This mode uses the RMII elasticity buffer to tolerate variations in clock
frequencies. This bit cannot be set if RMII_MODE is set to a 1.
6
SCMII_TX
0, RW
Single Clock TX MII Mode:
0 = Standard MII mode.
1 = Single Clock TX MII Mode.
Setting this bit will cause the device to sample transmit data (TX_EN, TXD[3:0])
synchronous to the X1 Reference clock. TX_CLK is not used in this mode. This bit
cannot be set if RMII_MODE is set to a 1.
5
RMII_MODE
Strap, RW
Reduced MII Mode:
0 = Standard MII Mode.
1 = Reduced MII Mode.
4
RMII_REV1_0
0, RW
Reduced MII Revision 1.0:
This bit modifies how CRS_DV is generated.
0 = (RMII revision 1.2) CRS_DV will toggle at the end of a packet to indicate
deassertion of CRS.
1 = (RMII revision 1.0) CRS_DV will remain asserted until final data is transferred.
CRS_DV will not toggle at the end of a packet.
3
RX_OVF_STS
0, RO
RX FIFO Over Flow Status:
0 = Normal.
1 = Overflow detected.
2
RX_UNF_STS
0, RO
RX FIFO Under Flow Status:
0 = Normal.
1 = Underflow detected.
1:0
ELAST_BUF[1:0]
01, RW
Receive Elasticity Buffer:
This field controls the Receive Elasticity Buffer which allows for frequency variation
tolerance between the 50 MHz RMII clock and the recovered data. See Reduced
MII Interface for more information on Elasticity Buffer settings in RMII mode. See
Section Single Clock MII Mode for more information on Elasticity Buffer settings in
SCMII mode.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
83
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com