Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 77 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 73Page - Texas Instruments DP83620 Datasheet HTML 74Page - Texas Instruments DP83620 Datasheet HTML 75Page - Texas Instruments DP83620 Datasheet HTML 76Page - Texas Instruments DP83620 Datasheet HTML 77Page - Texas Instruments DP83620 Datasheet HTML 78Page - Texas Instruments DP83620 Datasheet HTML 79Page - Texas Instruments DP83620 Datasheet HTML 80Page - Texas Instruments DP83620 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Table 10-12. PHY Status Register (PHYSTS), address 0x10 (continued)
Bit
Bit Name
Default
Description
13
RECEIVE ERROR
0, RO/LH
Receive Error Latch:
LATCH
This bit will be cleared upon a read of the RECR register.
1 = Receive error event has occurred since last read of RXERCNT (address
15h, Page 0).
0 = No receive error event has occurred.
12
POLARITY STATUS
0, RO
Polarity Status:
This bit is a duplication of bit 4 in the 10BTSCR register. This bit will be cleared
upon a read of the 10BTSCR register, but not upon a read of the PHYSTS
register.
1 = Inverted Polarity detected.
0 = Correct Polarity detected.
11
FALSE CARRIER SENSE
0, RO/LH
False Carrier Sense Latch:
LATCH
This bit will be cleared upon a read of the FCSR register.
1 = False Carrier event has occurred since last read of FCSCR (address 14h).
0 = No False Carrier event has occurred.
10
SIGNAL DETECT
0, RO/LL
100Base-TX qualified Signal Detect from PMA:
This is the SD that goes into the link monitor. It is the AND of raw SD and
descrambler lock, when address 16h, bit 8 (page 0) is set. When bit 8 of
address 16h is cleared, it will be equivalent to the raw SD from the PMD.
9
DESCRAMBLER LOCK
0, RO/LL
100Base-TX Descrambler Lock from PMD.
8
PAGE RECEIVED
0, RO
Link Code Word Page Received:
This is a duplicate of the Page Received bit in the ANER register, but this bit
will not be cleared upon a read of the PHYSTS register.
1 = A new Link Code Word Page has been received. Cleared on read of the
ANER (address 06h, bit 1).
0 = Link Code Word Page has not been received.
7
MII INTERRUPT
0, RO
MII Interrupt Pending:
1 = Indicates that an internal interrupt is pending. Interrupt source can be
determined by reading the MISR Register (12h). Reading the MISR will clear
the Interrupt.
0 = No interrupt pending.
6
REMOTE FAULT
0, RO
Remote Fault:
1 = Remote Fault condition detected (cleared on read of BMSR (address 01h)
register or by reset). Fault criteria: notification from Link Partner of Remote
Fault via Auto-Negotiation.
0 = No remote fault condition detected.
5
JABBER DETECT
0, RO
Jabber Detect: This bit only has meaning in 10 Mb/s mode.
This bit is a duplicate of the Jabber Detect bit in the BMSR register, except that
it is not cleared upon a read of the PHYSTS register.
1 = Jabber condition detected.
0 = No Jabber.
4
AUTO-NEG COMPLETE
0, RO
Auto-Negotiation Complete:
1 = Auto-Negotiation complete.
0 = Auto-Negotiation not complete.
3
LOOPBACK STATUS
0, RO
Loopback:
1 = Loopback enabled.
0 = Normal operation.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
77
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com