Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 99 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 95Page - Texas Instruments DP83620 Datasheet HTML 96Page - Texas Instruments DP83620 Datasheet HTML 97Page - Texas Instruments DP83620 Datasheet HTML 98Page - Texas Instruments DP83620 Datasheet HTML 99Page - Texas Instruments DP83620 Datasheet HTML 100Page - Texas Instruments DP83620 Datasheet HTML 101Page - Texas Instruments DP83620 Datasheet HTML 102Page - Texas Instruments DP83620 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
10.5 PHY STATUS FRAME CONFIGURATION REGISTER - PAGE 5
The Page 5 PHY Status Frame Configuration Register is accessible by setting bits [2:0] = 101 of
PAGESEL (13h).
10.5.1 PHY Status Frame Configuration Register(PSF_CFG), Page 5
This register provides configuration for the PHY Status Frame function.
Table 10-39. PHY Status Frame Configuration Register(PSF_CFG), address 0x18
Bit
Bit Name
Default
Description
15:13
RESERVED
000, RO
Reserved: Writes ignored, Read as 0
12:11
MAC_SRC_ADD
00, RW
PHY Status Frame Mac Source Address:
Selects source address as follows:
00 : Use Mac Address [08 00 17 0B 6B 0F]
01 : Use Mac Address [08 00 17 00 00 00]
10 : Use Mac Multicast Dest Address
11 : Use Mac Address [00 00 00 00 00 00]
10:8
MIN_PRE
000, RW
PHY Status Frame Minimum Preamble:
Determines the minimum preamble bytes required for sending packets on the MII
interface. It is recommended that this be set to the smallest value the MAC will
tolerate.
7
PSF_ENDIAN
0, RW
PHY Status Frame Endian Control:
For each 16-bit field in a Status Message, the data will normally be presented in
network byte order (Most significant byte first). If this bit is set to a 1, the byte data
fields will be reversed so that the least significant byte is first.
6
PSF_IPV4
0, RW
PHY Status Frame IPv4 Enable:
This bit controls the type of packet used for PHY Status Frames.
0 = Layer2 Ethernet packets
1 = IPv4 packets.
5
PSF_PCF_RD
0, RW
PHY Control Frame Read PHY Status Frame Enable:
Enable PHY Status Frame delivery of PHY Control Frame read data. Data read via
a PHY Control Frame will be returned in a PHY Status Frame.
4
PSF_ERR_EN
0, RW
PSF Error PHY Status Frame Enable:
Enable PHY Status Frame delivery of PHY Status Frame Errors. This bit will not
independently enable PHY Status Frame operation. One of the other enable bits
must be set for PHY Status Frames to be generated.
3:0
RESERVED
0000, RW
Reserved: Must be 0x0.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
99
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com