Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 87 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 83Page - Texas Instruments DP83620 Datasheet HTML 84Page - Texas Instruments DP83620 Datasheet HTML 85Page - Texas Instruments DP83620 Datasheet HTML 86Page - Texas Instruments DP83620 Datasheet HTML 87Page - Texas Instruments DP83620 Datasheet HTML 88Page - Texas Instruments DP83620 Datasheet HTML 89Page - Texas Instruments DP83620 Datasheet HTML 90Page - Texas Instruments DP83620 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 105 page
background image
DP83620
www.ti.com
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
Table 10-22. 10Base-T Status/Control Register (10BTSCR), address 0x1A (continued)
Bit
Bit Name
Default
Description
2
10BT_SCALE - MSB
1, RW
10BT Scale Configuration Most Significant Bit
Used in conjunction with bit 10 of SD_CNFG register to set the silence ’OFF’
threshold for the receiver.
1
HEARTBEAT_DIS
0, RW
Heartbeat Disable:
This bit only has influence in half-duplex 10 Mb mode.
1 = Heartbeat function disabled.
0 = Heartbeat function enabled.
When the device is operating at 100 Mb or configured for full duplex
operation, this bit will be ignored - the heartbeat function is disabled.
0
JABBER_DIS
0, RW
Jabber Disable:
This bit is only applicable in 10BASE-T.
1 = Jabber function disabled.
0 = Jabber function enabled.
10.2.8 CD Test and BIST Extensions Register (CDCTRL1)
This register controls test modes for the 10BASE-T Common Driver. In addition it contains extended
control and status for the packet BIST function.
Table 10-23. CD Test and BIST Extensions Register (CDCTRL1), address 0x1B
Bit
Bit Name
Default
Description
15:8
BIST_ERROR_COUNT
0000 0000, RO
BIST ERROR Counter:
Counts number of errored data nibbles during Packet BIST. This value
will reset when Packet BIST is restarted. The counter sticks when it
reaches its maximum count of FFh.
7
RESERVED
0, RW
RESERVED: Must be 0.
6
MII_CLOCK_EN
0, RW
Enables MII Clocks TX_CLK and RX_CLK independent of MAC interface
mode selected; for example, normally TX_CLK and RX_CLK are
disabled in RMII Slave mode.
1 = Enable TX_CLK and RX_CLK
0 = Default operation
5
BIST_CONT
0, RW
Packet BIST Continuous Mode:
Allows continuous pseudorandom data transmission without any break in
transmission. This can be used for transmit VOD testing. This is used in
conjunction with the BIST controls in the PHYCR Register (19h). For 10
Mb operation, jabber function must be disabled, bit 0 of the 10BTSCR
(1Ah), JABBER_DIS = 1.
4
CDPATTEN_10
0, RW
CD Pattern Enable for 10 Mb:
1 = Enabled.
0 = Disabled.
3
MDIO_PULL_EN
0, RW
Enable Internal MDIO Pullup:
1 = Internal MDIO pullup enabled
0 = Internal MDIO pullup disabled
This bit is only reset on hard reset. This bit should not be set in systems
that share the management interfaces among several ASICs.
2
PATT_GAP_10M
0, RW
Defines gap between data or NLP test sequences:
1 = 15 µs.
0 = 10 µs.
Copyright © 2011–2013, Texas Instruments Incorporated
Register Block
87
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com