Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 78 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 74Page - Texas Instruments DP83620 Datasheet HTML 75Page - Texas Instruments DP83620 Datasheet HTML 76Page - Texas Instruments DP83620 Datasheet HTML 77Page - Texas Instruments DP83620 Datasheet HTML 78Page - Texas Instruments DP83620 Datasheet HTML 79Page - Texas Instruments DP83620 Datasheet HTML 80Page - Texas Instruments DP83620 Datasheet HTML 81Page - Texas Instruments DP83620 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 105 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Table 10-12. PHY Status Register (PHYSTS), address 0x10 (continued)
Bit
Bit Name
Default
Description
2
DUPLEX STATUS
0, RO
Duplex:
This bit indicates duplex status and is determined from Auto-Negotiation or
Forced Modes.
1 = Full duplex mode.
0 = Half duplex mode.
Note: This bit is only valid if Auto-Negotiation is enabled and complete and
there is a valid link or if Auto-Negotiation is disabled and there is a valid link.
1
SPEED STATUS
0, RO
Speed10:
This bit indicates the status of the speed and is determined from Auto-
Negotiation or Forced Modes.
1 = 10 Mb/s mode.
0 = 100 Mb/s mode.
Note: This bit is only valid if Auto-Negotiation is enabled and complete and
there is a valid link or if Auto-Negotiation is disabled and there is a valid link.
0
LINK STATUS
0, RO
Link Status:
This bit is a duplicate of the Link Status bit in the BMSR register, except that it
will not be cleared upon a read of the PHYSTS register.
1 = Valid link established (for either 10 or 100 Mb/s operation).
0 = Link not established.
10.1.11 MII Interrupt Control Register (MICR)
This register implements the MII Interrupt PHY Specific Control register. Sources for interrupt generation
include: Link Quality Monitor, Energy Detect State Change, Link State Change, Speed Status Change,
Duplex Status Change, Auto-Negotiation Complete or any of the counters becoming half-full. The
individual interrupt events must be enabled by setting bits in the MII Interrupt Status and Event Control
Register (MISR).
Table 10-13. MII Interrupt Control Register (MICR), address 0x11
Bit
Bit Name
Default
Description
15:3
RESERVED
0000 0000 0000 0,
RESERVED: Writes ignored, read as 0.
RO
2
TINT
0, RW
Test Interrupt:
Forces the PHY to generate an interrupt to facilitate interrupt testing. Interrupts will
continue to be generated as long as this bit remains set.
1 = Generate an interrupt.
0 = Do not generate interrupt.
1
INTEN
0, RW
Interrupt Enable:
Enable interrupt dependent on the event enables in the MISR register.
1 = Enable event based interrupts.
0 = Disable event based interrupts.
0
INT_OE
0, RW
Interrupt Output Enable:
Enable interrupt events to signal via the PWRDOWN/INTN pin by configuring the
PWRDOWN/INTN pin as an output.
1 = PWRDOWN/INTN is an Interrupt Output.
0 = PWRDOWN/INTN is a Power Down Input.
78
Register Block
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com