Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 68 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 64Page - Texas Instruments DP83620 Datasheet HTML 65Page - Texas Instruments DP83620 Datasheet HTML 66Page - Texas Instruments DP83620 Datasheet HTML 67Page - Texas Instruments DP83620 Datasheet HTML 68Page - Texas Instruments DP83620 Datasheet HTML 69Page - Texas Instruments DP83620 Datasheet HTML 70Page - Texas Instruments DP83620 Datasheet HTML 71Page - Texas Instruments DP83620 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 105 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Table 10-2. Register Table (continued)
Register Name
Addr
Tag
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LED Direct Control 18h
LEDCR
Reserved
Reserved
Reserved
Reserved
DIS_SPDL DIS_LNKL DIS_ACTL LEDACT_R BLINK_FR BLINK_FR DRV_SPDLE DRV_LNKL DRV_ACTLE
SPDLED
LNKLED
ACTLED
Register
ED
ED
ED
X
EQ
EQ
D
ED
D
PHY Control
19h
PHYCR
MDIX_EN
FORCE_M PAUSE_R PAUSE_TX
BIST_FE
PSR_15
BIST_
BIST_STA BP_STRET
LED_
LED_
PHY
PHY
PHY
PHY
PHY
Register
DIX
X
RT
CH
STATUS
CNFG[1]
CNFG[0]
ADDR
ADDR
ADDR
ADDR
ADDR
10Base-T
1Ah
10BTSCR
Reserved
Reserved
Reserved
Reserved
SQUELCH SQUELCH
SQUELCH LOOPBAC
LP_DIS
FORCE_
FORCE_POL POLARITY AUTOPOL_DI 10BT_SCA HEARTBEAT JABBER_D
Status/Control
K_10_DIS
COR
S
LE_MSB
_DIS
IS
LINK_10
Register
CD Test Control
1Bh
CDCTRL1
BIST_ERR BIST_ERR BIST_ERR BIST_ERR BIST_ERR BIST_ERR BIST_ERR BIST_ERR
Reserved
MII_CLOC
BIST_CONT
CDPATTE MDIO_PULL_ PATT_GAP CDPATTSEL
CDPATTS
and BIST
OR_COUN OR_COUN OR_COUN OR_COUN OR_COUN OR_COUN OR_COUN OR_COUN
K_EN
N_10
EN
_10M
EL
Extensions
T
T
T
T
T
T
T
T
Register
PHY Control
1Ch
PHYCR2
Reserved
Reserved
SYNC_EN
CLK_OUT BC_WRITE PHYTER_
SOFT_RE
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
CLK_OUT_DI
Reserved
Register 2
ET_EN
RXCLK
COMP
SET
S
Energy Detect
1Dh
EDCR
ED_EN
ED_AUTO
ED_AUTO
ED_MAN
ED_BURS ED_PWR_ ED_ERR_ ED_DATA_ ED_ERR_
ED_ERR_ ED_ERR_CO ED_ERR_
ED_DATA_C ED_DATA_ ED_DATA_C ED_DATA_
Control Register
_UP
_DOWN
T_DIS
STATE
MET
MET
COUNT
COUNT
UNT
COUNT
OUNT
COUNT
OUNT
COUNT
RESERVED
1Eh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PHY Control
1Fh
PCFCR
PCF_STS_ PCF_STS_
Reserved
Reserved
Reserved
Reserved
Reserved
PCF_DA_S PCF_INT_
PCF_INT_ PCF_BC_DIS PCF_BUF
PCF_BUF
PCF_BUF
PCF_BUF
PCF_EN
Frames
ERR
OK
EL
CTL
CTL
Configuration
Register
TEST REGISTERS - PAGE 1
RESERVED
14h-1Dh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Signal Detect
1Eh
SD_CNFG
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SD_Time
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Configuration
Register
RESERVED
1Fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
LINK DIAGNOSTICS REGISTERS - PAGE 2
100 Mb Length
14h
LEN100_D
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
CABLE_LE CABLE_LE CABLE_LEN CABLE_LE CABLE_LEN CABLE_LE CABLE_LEN CABLE_LE
Detect Register
ET
N
N
N
N
N
100 Mb Frequency 15h
FREQ100
SAMPLE_F Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
SEL_FC
FREQ_OF
FREQ_OF FREQ_OFFS FREQ_OF FREQ_OFFS FREQ_OF FREQ_OFFS FREQ_OF
Offset Indication
REQ
FSET
FSET
ET
FSET
ET
FSET
ET
FSET
Register
TDR Control
16h
TDR_CTRL TDR_ENA TDR_100M TX_CHAN RX_CHAN
SEND_TD TDR_WIDT TDR_WIDT TDR_WIDT TDR_MIN_
Reserved
RX_THRESH RX_THRE RX_THRESH RX_THRE RX_THRESH RX_THRE
Register
BLE
b
NEL
NEL
R
H
H
H
MODE
OLD
SHOLD
OLD
SHOLD
OLD
SHOLD
TDR Window
17h
TDR_WIN
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STA
TDR_STO
TDR_STO
TDR_STOP
TDR_STO
TDR_STOP
TDR_STO
TDR_STOP
TDR_STO
Register
RT
RT
RT
RT
RT
RT
RT
RT
P
P
P
P
P
TDR Peak
18h
TDR_PEA
Reserved
Reserved
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEA
TDR_PEAK_
TDR_PEA
TDR_PEAK_
TDR_PEA
TDR_PEAK_
TDR_PEA
Measurement
K
K
K
K
K
K
K
K_TIME
K_TIME
TIME
K_TIME
TIME
K_TIME
TIME
K_TIME
Register
TDR Threshold
19h
TDR_THR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved TDR_THR_
TDR-
TDR-
TDR-
TDR-
TDR-
TDR-
TDR-
TDR-
Measurement
MET
THR_TIME THR_TIME
THR_TIME
THR_TIME
THR_TIME
THR_TIME
THR_TIME
THR_TIME
Register
Variance Control
1Ah
VAR_CTRL VAR_RDY
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
LOAD_VAR_
LOAD_VA
VAR_FREEZ VAR_TIME VAR_TIMER
VAR_ENA
Register
HI
R_LO
E
R
BLE
Variance Data
1Bh
VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT
VAR_DAT VAR_DATA
VAR_DAT
VAR_DATA
VAR_DAT VAR_DATA
VAR_DAT
Register
A
A
A
A
A
A
A
A
A
A
A
A
A
A
Reserved
1Ch
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Link Quality
1Dh
LQMR
LQM_ENA RESTART_ RESTART_ RESTART_ RESTART_ RESTART_ FC_HI_WA FC_LO_W FREQ_HI_ FREQ_LO_ DBLW_HI_W
DBLW_LO DAGC_HI_W DAGC_LO
C1_HI_WAR
C1_LO_W
Monitor Register
BLE
ON_FC
ON_FREQ ON_DBLW ON_DAGC
ON_C1
RN
ARN
WARN
WARN
ARN
_WARN
ARN
_WARN
N
ARN
68
Register Block
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com