Electronic Components Datasheet Search
  English  ▼

X  

DP83620 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # DP83620
Description  DP83620 Industrial Temperature Single Port 10/100 Mbps Ethernet Physical Layer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DP83620 Datasheet(HTML) 98 Page - Texas Instruments

Back Button DP83620 Datasheet HTML 94Page - Texas Instruments DP83620 Datasheet HTML 95Page - Texas Instruments DP83620 Datasheet HTML 96Page - Texas Instruments DP83620 Datasheet HTML 97Page - Texas Instruments DP83620 Datasheet HTML 98Page - Texas Instruments DP83620 Datasheet HTML 99Page - Texas Instruments DP83620 Datasheet HTML 100Page - Texas Instruments DP83620 Datasheet HTML 101Page - Texas Instruments DP83620 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 105 page
background image
DP83620
SNLS339C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Table 10-37. Link Quality Data Register (LQDR), address 0x1E (continued)
Bit
Bit Name
Default
Description
8
LQ_THR_SEL
0, RW
Link Quality Threshold Select:
This bit selects the Link Quality Threshold to be read or written. A 0 selects the
Low threshold, while a 1 selects the high threshold. When combined with the
LQ_PARAM_SEL field, the following encodings are available {LQ_PARAM_SEL,
LQ_THR_SEL}:
000,0: DEQ_C1 Low
000,1: DEQ_C1 High
001,0: DAGC Low
001,1: DAGC High
010,0: DBLW Low
010,1: DBLW High
011,0: Frequency Offset Low
011,1: Frequency Offset High
100,0: Frequency Control Low
100,1: Frequency Control High
101,0: Variance High bits 7:0 (Variance bits 23:16)
101,1: Variance High bits 15:8 (Variance bits 31:24)
7:0
LQ_THR_DATA
1000 0000, RW
Link Quality Threshold Data:
The operation of this field is dependent on the value of the SAMPLE_PARAM bit.
If SAMPLE_PARAM = 0:
On a write, this value contains the data to be written to the selected Link Quality
Threshold register.
On a read, this value contains the current data in the selected Link Quality
Threshold register.
If SAMPLE_PARAM = 1:
On a read, this value contains the sampled parameter value. This value will
remain unchanged until a new read sequence is started.
10.4.11 Link Quality Monitor Register 2 (LQMR2), Page 2
This register contains additional controls for the Link Quality Monitor function. The Link Quality Monitor
provides a mechanism for programming a set of thresholds for DSP parameters. If the thresholds are
violated, an interrupt will be asserted if enabled in the MISR. Monitor control and status are available in
this register, while the LQDR register controls read/write access to threshold values and current parameter
values. Reading of LQMR2 register clears its warning bits but does NOT re-arm the interrupt generation;
LQMR must be read to re-arm interrupt generation. In addition, this register provides a mechanism for
allowing automatic reset of the 100 Mb link based on the Link Quality Monitor variance status.
Table 10-38. Link Quality Monitor Register 2 (LQMR2), address 0x1F
Bit
Bit Name
Default
Description
15:11
RESERVED
0000 0, RO
Reserved: Writes ignored, Read as 0
10
RESTART_ON_VAR
0, RW
Restart on Variance Warning:
Allow automatic reset of DSP and restart of 100 Mb Adaption on detecting a
Frequency Offset Threshold violation. If the SD_Option bit, PCSR[8], is set to 0, the
threshold violation will also result in a drop in Link status.
9:2
RESERVED
00 0000 00, RO
Reserved: Writes ignored, Read as 0
1
VAR_HI_WARN
0, RO/COR
Variance High Warning:
This bit indicates the Variance High Threshold was exceeded. This register bit will
be cleared on read.
0
RESERVED
0, RO
Reserved: Writes ignored, Read as 0
98
Register Block
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DP83620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com